Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1041-80 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMCAD1041-80
Description  Single 10-Bit 65/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCAD1041-80 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMCAD1041-80 Datasheet HTML 1Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 2Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 3Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 4Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 5Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 6Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 7Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 8Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 1
HMCAD1041-80
v01.0411
Single 10-Bit 65/80 MSPS
A/D Converter
Functional Diagram
Features
• 10-bit resolution
• 65/80 MsPs maximum sampling rate
• Ultra-Low Power Dissipation: 38/46 mW
• 61.6 dB snr @ 8 MHz FIn
• Internal reference circuitry
• 1.8 v core supply voltage
• 1.7 - 3.6 v I/o supply voltage
• Parallel CMos output
• 6 x 6 mm 40-Pin QFn (LP6He) Package
typical Applications
• Medical Imaging
• Portable test equipment
• Digital oscilloscopes
• IF Communication
general Description
the HMCAD1041-80 is a high performance ultra
low power analog-to-digital converter (ADC). the
ADC employs internal reference circuitry, a CMos
control interface, CMos output data and is based
on a proprietary structure. Digital error correction is
employed to ensure no missing codes in the complete
full scale range.
two idle modes with fast startup times exist. the entire
chip can either be put in standby Mode or Power
Down mode. the two modes are optimized to allow
the user to select the mode resulting in the lowest
possible energy consumption during idle mode and
startup.
the HMCAD1041-80 has a highly linear tHA optim-
ized for frequencies up to nyquist. the differential
clock interface is optimized for low jitter clock sources
and supports LvDs, LvPeCL, sine wave and CMos
clock inputs.
Pin compatible with HMCAD1041-40, HMCAD1051-40
and HMCAD1051-80.
Figure 1. Functional Block Diagram


Similar Part No. - HMCAD1041-80

ManufacturerPart No.DatasheetDescription
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMCAD1041-40 HITTITE-HMCAD1041-40 Datasheet
695Kb / 12P
   Single 10-Bit 20/40 MSPS A/D Converter
More results

Similar Description - HMCAD1041-80

ManufacturerPart No.DatasheetDescription
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
Analog Devices
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Texas Instruments
Texas Instruments
ADC12C080 TI1-ADC12C080 Datasheet
1Mb / 32P
[Old version datasheet]   65/80 MSPS A/D Converter
National Semiconductor (TI)
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
Texas Instruments
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
Analog Devices
Analog Devices
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Texas Instruments
Texas Instruments
ADC14C080 TI1-ADC14C080_15 Datasheet
1Mb / 31P
[Old version datasheet]   65/80 MSPS A/D Converter
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMCAD1051-80 HITTITE-HMCAD1051-80 Datasheet
755Kb / 14P
   Single 13/12-Bit 65/80 MSPS A/D Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz