Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1041-80 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMCAD1041-80
Description  Single 10-Bit 65/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCAD1041-80 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMCAD1041-80 Datasheet HTML 2Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 3Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 4Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 5Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 6Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 7Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 8Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 9Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 10Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 6
HMCAD1041-80
v01.0411
Single 10-Bit 65/80 MSPS
A/D Converter
timing Diagram
Figure 2: timing Diagram
Absolute Maximum ratings
Absolute maximum ratings are limiting values to be applied for short periods of time. exposure to absolute maxi-
mum rating conditions for an extended period of time may reduce device lifetime.
table 1:
Pin
Pin
Rating
AvDD
vss
-0.3v to +2.3v
DvDD
vss
-0.3v to +2.3v
Avss, DvssCK, Dvss, ovss
vss
-0.3v to +0.3v
ovDD
vss
-0.3v to +3.9v
IP, In, analog inputs and outputs
vss
-0.3v to +2.3v
Digital outputs
vss
-0.3v to +3.9v
CKP, CKn
vss
-0.3v to +3.9v
Digital Inputs
vss
-0.3v to +3.9v
operating temperature
-40 to +85 ºC
storage temperature
-60 to +150 ºC
soldering Profile Qualification
J-stD-020
eLeCtrostAtIC sensItIve DevICe
oBserve HAnDLInG PreCAUtIons
stresses above those listed under Absolute Maximum
ratings may cause permanent damage to the device. this
is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in
the operational section of this specification is not implied.
exposure to absolute maximum rating conditions for
extended periods may affect device reliability.


Similar Part No. - HMCAD1041-80

ManufacturerPart No.DatasheetDescription
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMCAD1041-40 HITTITE-HMCAD1041-40 Datasheet
695Kb / 12P
   Single 10-Bit 20/40 MSPS A/D Converter
More results

Similar Description - HMCAD1041-80

ManufacturerPart No.DatasheetDescription
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
Analog Devices
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Texas Instruments
Texas Instruments
ADC12C080 TI1-ADC12C080 Datasheet
1Mb / 32P
[Old version datasheet]   65/80 MSPS A/D Converter
National Semiconductor (TI)
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
Texas Instruments
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
Analog Devices
Analog Devices
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Texas Instruments
Texas Instruments
ADC14C080 TI1-ADC14C080_15 Datasheet
1Mb / 31P
[Old version datasheet]   65/80 MSPS A/D Converter
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMCAD1051-80 HITTITE-HMCAD1051-80 Datasheet
755Kb / 14P
   Single 13/12-Bit 65/80 MSPS A/D Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz