Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMCAD1041-80 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMCAD1041-80
Description  Single 10-Bit 65/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCAD1041-80 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMCAD1041-80 Datasheet HTML 1Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 2Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 3Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 4Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 5Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 6Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 7Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 8Page - Hittite Microwave Corporation HMCAD1041-80 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 5
HMCAD1041-80
v01.0411
Single 10-Bit 65/80 MSPS
A/D Converter
Digital and timing Specifications
AvDD=1.8v, DvDD=1.8v, DvDDCK=1.8v, ovDD=2.5v, Conversion rate: Max specified, 50% clock duty cycle, -1dBFs input signal, 5 pF capacitive
load on data outputs, unless otherwise noted
Parameter
Condition
Min
Typ
Max
Unit
Clock Inputs
Duty Cycle
20
80
% high
Compliance
CMos, LvDs, LvPeCL, sine Wave
Input range
Differential input swing
0.4
vpp
Input range
Differential input swing, sine wave clock input
1.6
vpp
Input common mode
voltage
Keep voltages within ground and voltage of ovDD
0.3
v
ovDD -0.3
v
Input capacitance
Differential
2
pF
Timing
t
PD
start up time from Power Down Mode to Active Mode
900
clock
cycles
t
sLP
start up time from sleep Mode to Active Mode
20
clock
cylcles
t
ovr
out of range recovery time
1
clock
cycles
t
AP
Aperture Delay
0.8
ns
Єrms
Aperture jitter
< 0.5
ps
t
LAt
Pipeline Delay
12
clock
cycles
t
D
output delay (see timing diagram). 5pF load on output bits
3
10
ns
t
DC
output delay relative to CK_eXt (see timing diagram)
1
6
ns
Logic Inputs
v
HI
High Level Input voltage. v
ovDD ≥ 3.0v
2
v
v
HI
High Level Input voltage. v
ovDD = 1.7v – 3.0v
0.8 ·v
ovDD
v
v
LI
Low Level Input voltage. v
ovDD ≥ 3.0v
0
0.8
v
v
LI
Low Level Input voltage. v
ovDD = 1.7v – 3.0v
0
0.2 ·v
ovDD
v
I
HI
High Level Input leakage Current
±10
µA
I
LI
Low Level Input leakage Current
±10
µA
C
I
Input Capacitance
3
pF
Logic Outputs
v
Ho
High Level output voltage
v
ovDD -0.1
v
v
Lo
Low Level output voltage
0.1
v
C
L
Max capacitive load. Post-driver supply voltage equal to pre-driver
supply voltage v
ovDD = voCvDD
5
pF
C
L
Max capacitive load. Post-driver supply voltage above 2.25v (1)
10
pF
(1) the outputs will be functional with higher loads. However, it is recommended to keep the load on output data bits as low as possible
to keep dynamic currents and resulting switching noise at a minimum


Similar Part No. - HMCAD1041-80

ManufacturerPart #DatasheetDescription
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMCAD1041-40 HITTITE-HMCAD1041-40 Datasheet
695Kb / 12P
   Single 10-Bit 20/40 MSPS A/D Converter
More results

Similar Description - HMCAD1041-80

ManufacturerPart #DatasheetDescription
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
Analog Devices
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
Texas Instruments
Texas Instruments
ADC12C080 TI1-ADC12C080 Datasheet
1Mb / 32P
[Old version datasheet]   65/80 MSPS A/D Converter
National Semiconductor (TI)
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
Texas Instruments
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
Analog Devices
Analog Devices
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Texas Instruments
Texas Instruments
ADC14C080 TI1-ADC14C080_15 Datasheet
1Mb / 31P
[Old version datasheet]   65/80 MSPS A/D Converter
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMCAD1051-80 HITTITE-HMCAD1051-80 Datasheet
755Kb / 14P
   Single 13/12-Bit 65/80 MSPS A/D Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com