Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC1013LP4E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part No. HMC1013LP4E
Description  SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.5 - 18.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1013LP4E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC1013LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC1013LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC1013LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC1013LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC1013LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC1013LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC1013LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC1013LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
11
11 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1013LP4E
v00.0511
SUCCESSIVE DETECTION LOG VIDEO
AMPLIFIER (SDLVA), 0.5 - 18.5 GHz
Pin Descriptions (continued)
Pin Number
Function
Description
Interface Schematic
22, 24
VCC2,
VCC1
Bias Supply. Connect Supply Voltage to
these pins with appropriate filtering. Connect Vcc2
with Vcc1. See application circuit.
Application Circuit
Note: Video output load should be 1k Ohm or higher.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn