Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MURD620CT Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MURD620CT
Description  SWITCHMODE Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MURD620CT Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MURD620CT
http://onsemi.com
3
TC, CASE TEMPERATURE (°C)
100
1.0
2.0
3.0
4.0
5.0
0
6.0
7.0
8.0
110
120
130
140
150
160
170
180
Figure 4. Current Derating, Case (Per Leg)
020
1.0
1.5
2.5
3.5
4.0
0
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Figure 5. Current Derating, Ambient (Per Leg)
RATED VOLTAGE APPLIED
RqJC = 9°C/W
SINE WAVE
OR
SQUARE WAVE
dc
TJ = 175°C
120
140
160
180 200
0.5
2.0
3.0
SINE WAVE
OR
SQUARE WAVE
SURFACE MOUNTED ON
MIN. PAD SIZE RECOMMENDED
RATED VOLTAGE APPLIED
RqJA = 80°C/W
dc
TJ = 175°C
VR, REVERSE VOLTAGE (V)
Figure 6. Typical Capacitance (Per Leg)
1
10
100
0
10
20304050
607080
90
100
TJ = 25°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn