Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MURD620CT Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MURD620CT
Description  SWITCHMODE Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MURD620CT Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MURD620CT
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (Per Diode)
Rating
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage Drop (Note 2)
(iF = 3 Amps, TC = 25°C)
(iF = 3 Amps, TC = 125°C)
(iF = 6 Amps, TC = 25°C)
(iF = 6 Amps, TC = 125°C)
vF
1
0.96
1.2
1.13
V
Maximum Instantaneous Reverse Current (Note 2)
(TJ = 25°C, Rated dc Voltage)
(TJ = 125°C, Rated dc Voltage)
iR
5
250
mA
Maximum Reverse Recovery Time
(IF = 1 Amp, di/dt = 50 Amps/ms, VR = 30 V, TJ = 25°C)
(IF = 0.5 Amp, iR = 1 Amp, IREC = 0.25 A, VR = 30 V, TJ = 25°C)
trr
35
25
ns
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
0.0001
0.001
0.01
0.1
1
10
100
0
20
40
60
80 100 120 140 160 180 200
Figure 1. Typical Forward Voltage (Per Leg)
vF, INSTANTANEOUS VOLTAGE (V)
0
0.6
0.2
0.8
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
1.4
VR, REVERSE VOLTAGE (V)
TJ = 175°C
Figure 2. Typical Leakage Current* (Per Leg)
IF(AV), AVERAGE FORWARD CURRENT (A)
0
3.0
2.0
0
2.0
1.0
3.0
5.0
4.0
14
7.0
6.0
1.0
10
Figure 3. Average Power Dissipation (Per Leg)
0.4
0.7
10
70
1.0
1.2
100
°C
TJ = 25°C
175
°C
100°C
25°C
6.0
5.0
4.0
9.0
8.0
7.0
9.0
8.0
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these curves if VR is sufficiently below rated
VR.
150°C
11
10
13
12
TJ = 175°C
IPK/IAV = 20
SINE
WAVE
SQUARE
WAVE
dc
10
5.0
150
°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn