Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MURD620CT Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MURD620CT
Description  SWITCHMODE Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MURD620CT Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2011
January, 2011 − Rev. 9
1
Publication Order Number:
MURD620CT/D
MURD620CT
SWITCHMODE
Power Rectifier
DPAK Surface Mount Package
These state−of−the−art devices are designed for use in switching
power supplies, inverters and as free wheeling diodes.
Features
Ultrafast 35 Nanosecond Recovery Time
Low Forward Voltage Drop
Low Leakage
Pb−Free Packages are Available
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 0.4 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
Average Rectified Forward Current
(Rated VR, TC = 140°C)
Per Diode
Per Device
IF(AV)
3.0
6.0
A
Peak Repetitive Forward Current
(Rated VR, Square Wave,
20 kHz, TC = 145°C)
Per Diode
IF
6.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, 60 Hz)
IFSM
50
A
Operating Junction and Storage
Temperature Range
TJ, Tstg
−65 to +175
°C
THERMAL CHARACTERISTICS (Per Diode)
Rating
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
RqJC
9
°C/W
Thermal Resistance, Junction−to−Ambient
(Note 1)
RqJA
80
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Rating applies when surface mounted on the minimum pad sizes
recommended.
ULTRAFAST RECTIFIER
6.0 AMPERES
200 VOLTS
1
3
4
http://onsemi.com
DPAK
CASE 369C
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
MURD620CT
DPAK
75 Units/Rail
MURD620CTT4
DPAK
2500/Tape & Reel
MURD620CTT4G
DPAK
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MURD620CTG
DPAK
(Pb−Free)
75 Units/Rail
A
= Assembly Location
Y
= Year
WW
= Work Week
U620T = Device Code
G
= Pb−Free Package
1 2
3
4
AYWW
U
620TG


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn