Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRR75NP-100MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRR75NP-100MC
Description  Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRR75NP-100MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDRR75NP-100MC Datasheet HTML 1Page - Sumida Corporation CDRR75NP-100MC Datasheet HTML 2Page - Sumida Corporation CDRR75NP-100MC Datasheet HTML 3Page - Sumida Corporation CDRR75NP-100MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
Revised: 27-Jul-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRR75
Description
• Ferrite drum core construction.
• Magnetically shielded.
• L
×W×H: 7.2×7.2×4.8 mm Max.
• Product weight:0.6 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
• Qualification to AEC-Q200.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 13.0”diameter reel
• 1000pcs per reel
Applications
• For consumer electronics :HDD, personal
computer, LCD display, etc.
• For automotive: ABS, SRS airbag, HID/LED,
car audio, car navigation, LCD display, etc.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
4.
9
1.
05
2.0
0.1
6.9±0.3
6.
0.
3
4.5±0.3
4.
9
1.
5
1.
5
2.2
S
1
2


Similar Part No. - CDRR75NP-100MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRR75NP-100MC SUMIDA-CDRR75NP-100MC Datasheet
177Kb / 5P
   Ferrite drum core construction.
CDRR75NP-100MC SUMIDA-CDRR75NP-100MC Datasheet
95Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRR75NP-100MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com