Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH129RNP-820MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH129RNP-820MC
Description  Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH129RNP-820MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH129RNP-820MC Datasheet HTML 1Page - Sumida Corporation CDRH129RNP-820MC Datasheet HTML 2Page - Sumida Corporation CDRH129RNP-820MC Datasheet HTML 3Page - Sumida Corporation CDRH129RNP-820MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 1-Jun-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH129R
Electrical Characteristics
0.82
0.75
938(750)
1000
±20%
102
CDRH129RNP-1Ø2MC
0.92
0.82
825(660)
820
±20%
821
CDRH129RNP-821MC
1.04
0.91
654(523)
680
±20%
681
CDRH129RNP-681MC
1.18
1.00
521(417)
560
±20%
561
CDRH129RNP-561MC
1.30
1.08
415(330)
470
±20%
471
CDRH129RNP-471MC
1.45
1.30
366(293)
330
±20%
331
CDRH129RNP-331MC
1.85
1.60
226(181)
220
±20%
221
CDRH129RNP-221MC
2.20
1.95
159(127)
150
±20%
151
CDRH129RNP-151MC
2.45
2.40
116(93)
100
±20%
101
CDRH129RNP-1Ø1MC
2.75
2.60
90.6(72.5)
82
±20%
820
CDRH129RNP-82ØMC
2.85
2.95
83.5(66.8)
68
±20%
680
CDRH129RNP-68ØMC
3.25
3.15
67.0(53.6)
56
±20%
560
CDRH129RNP-56ØMC
3.80
3.45
53.4(42.7)
47
±20%
470
CDRH129RNP-47ØMC
4.25
4.00
39.3(31.4)
33
±20%
330
CDRH129RNP-33ØMC
4.70
5.30
32.9(26.3)
22
±20%
220
CDRH129RNP-22ØMC
6.00
5.80
20.3(16.2)
15
±20%
150
CDRH129RNP-15ØMC
6.50
7.60
16.5(13.2)
10
±20%
100
CDRH129RNP-1ØØMC
Temperature
rise current (
A)
※3
Saturation current
(A)(at20℃)※2
D.C.R.(m
Ω)
[Max]
(at 20
℃)※1
Inductanc
(μH)
100kHz
[Within]
Stam
p
Part No.
※1 ( )are typical value.
※2 The saturation current: This indicates the value of DC current when the inductance decreases to 75% of it's nominal.
※3 The temperature rise: The value of DC current when the temperature rise is △T=40℃ (Ta=20℃).


Similar Part No. - CDRH129RNP-820MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH129RNP-820MC SUMIDA-CDRH129RNP-820MC Datasheet
159Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH129RNP-820MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com