Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101LA-SP25XI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14B101LA-SP25XI
Description  1 Mbit (128K x 8/64K x 16) nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101LA-SP25XI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14B101LA-SP25XI Datasheet HTML 1Page - Cypress Semiconductor CY14B101LA-SP25XI Datasheet HTML 2Page - Cypress Semiconductor CY14B101LA-SP25XI Datasheet HTML 3Page - Cypress Semiconductor CY14B101LA-SP25XI Datasheet HTML 4Page - Cypress Semiconductor CY14B101LA-SP25XI Datasheet HTML 5Page - Cypress Semiconductor CY14B101LA-SP25XI Datasheet HTML 6Page - Cypress Semiconductor CY14B101LA-SP25XI Datasheet HTML 7Page - Cypress Semiconductor CY14B101LA-SP25XI Datasheet HTML 8Page - Cypress Semiconductor CY14B101LA-SP25XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CY14B101LA
CY14B101NA
Document #: 001-42879 Rev. *L
Page 5 of 28
Pin Definitions
Pin Name
I/O Type
Description
A0–A16
Input
Address inputs. Used to select one of the 131,072 bytes of the nvSRAM for × 8 configuration.
A0–A15
Address inputs. Used to select one of the 65,536 words of the nvSRAM for × 16 configuration.
DQ0–DQ7
Input/Output
Bidirectional data I/O lines for × 8 configuration. Used as input or output lines depending on operation.
DQ0–DQ15
Bidirectional Data I/O Lines for × 16 configuration. Used as input or output lines depending on operation.
WE
Input
Write Enable input, Active LOW. When the chip is enabled and WE is LOW, data on the I/O pins is written
to the specific address location.
CE
Input
Chip Enable input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during read cycles.
I/O pins are tristated on deasserting OE HIGH.
BHE
Input
Byte High Enable, Active LOW. Controls DQ15–DQ8.
BLE
Input
Byte Low Enable, Active LOW. Controls DQ7–DQ0.
VSS
Ground
Ground for the device. Must be connected to the ground of the system.
VCC
Power supply Power supply inputs to the device. 3.0 V +20%, –10%
HSB[13]
Input/Output Hardware STORE Busy (HSB). When LOW, this output indicates that a Hardware STORE is in progress.
When pulled LOW, external to the chip, it initiates a nonvolatile STORE operation. After each Hardware
and Software STORE operation HSB is driven HIGH for a short time (tHHHD) with standard output high
current and then a weak internal pull-up resistor keeps this pin HIGH (external pull-up resistor connection
optional).
VCAP
Power supply AutoStore capacitor. Supplies power to the nvSRAM during power loss to store data from SRAM to
nonvolatile elements.
NC
No connect No connect. This pin is not connected to the die.
Note
13. HSB pin is not available in 44-pin TSOP II (× 16) package.
[+] Feedback


Similar Part No. - CY14B101LA-SP25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA-SP25XI CYPRESS-CY14B101LA-SP25XI Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-SP25XI CYPRESS-CY14B101LA-SP25XI Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA-SP25XIT CYPRESS-CY14B101LA-SP25XIT Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-SP25XIT CYPRESS-CY14B101LA-SP25XIT Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
More results

Similar Description - CY14B101LA-SP25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com