Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101P-SFXA Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # CY14B101P-SFXA
Description  1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101P-SFXA Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CY14B101P-SFXA Datasheet HTML 22Page - Cypress Semiconductor CY14B101P-SFXA Datasheet HTML 23Page - Cypress Semiconductor CY14B101P-SFXA Datasheet HTML 24Page - Cypress Semiconductor CY14B101P-SFXA Datasheet HTML 25Page - Cypress Semiconductor CY14B101P-SFXA Datasheet HTML 26Page - Cypress Semiconductor CY14B101P-SFXA Datasheet HTML 27Page - Cypress Semiconductor CY14B101P-SFXA Datasheet HTML 28Page - Cypress Semiconductor CY14B101P-SFXA Datasheet HTML 29Page - Cypress Semiconductor CY14B101P-SFXA Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
PRELIMINARY
CY14B101P
Document #: 001-61932 Rev. *B
Page 26 of 35
RTC Characteristics
Over the Operating Range
Parameters
Description
Min
Typ[5]
Max
Units
VRTCbat
RTC battery pin voltage
1.8
3.0
3.6
V
IBAK
[9]
RTC backup current
TA (Min)
0.35
µA
25 °C
0.35
µA
TA (Max)
Automotive-A
0.5
µA
Automotive-E
0.75
µA
VRTCcap
[10]
RTC capacitor pin voltage
TA (Min)
1.6
3.6
V
25 °C
1.5
3.0
3.6
V
TA (Max)
1.4
3.6
V
tRTCp
RTC processing time from end of ‘W’ bit set to ‘0’
350
μs
tOCS
RTC oscillator time to start
1
2
sec
RBKCHG
RTC backup capacitor charge current-limiting resistor
350
850
Ω
AC Switching Characteristics
Over the Operating Range[11]
Parameter
Alt. Parameter
Description
40 MHz
25 MHz
(RDRTC Instruction)[12]
Unit
Min
Max
Min
Max
fSCK
fSCK
Clock frequency, SCK
40
25
MHz
tCL
tWL
Clock pulse width LOW
11
18
ns
tCH
tWH
Clock pulse width HIGH
11
18
ns
tCS
tCE
CS HIGH time
20
20
ns
tCSS
tCES
CS setup time
10
10
ns
tCSH
tCEH
CS hold time
10
10
ns
tSD
tSU
Data in setup time
5
5
ns
tHD
tH
Data in hold time
5
5
ns
tHH
tHD
HOLD hold time
5
5
ns
tSH
tCD
HOLD setup time
5
5
ns
tCO
tV
Output valid
9
15
ns
tHHZ
[13]
tHZ
HOLD to output HIGH-Z
15
15
ns
tHLZ
[13]
tLZ
HOLD to output LOW-Z
15
15
ns
tOH
tHO
Output hold time
0
0
ns
tHZCS
tDIS
Output disable time
25
25
ns
Notes
9. Current drawn from either VRTCcap or VRTCbat when VCC < VSWITCH.
10. If VRTCcap > 0.5 V or if no capacitor is connected to VRTCcap pin, the oscillator starts in tOCS time. If a backup capacitor is connected and VRTCcap < 0.5 V, the capacitor
must be allowed to charge to 0.5 V for oscillator to start.
11. Test conditions assume signal transition time of 3 ns or less, timing reference levels of VCC/2, input pulse levels of 0 to VCC (typ), and output loading of the specified
IOL/IOH and load capacitance shown in Figure 22.
12. Applicable for RTC opcode cycles, address cycles and dataout cycles.
13. These parameters are guaranteed by design and are not tested.


Similar Part No. - CY14B101P-SFXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P-SFXC CYPRESS-CY14B101P-SFXC Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14B101P-SFXCT CYPRESS-CY14B101P-SFXCT Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14B101P-SFXI CYPRESS-CY14B101P-SFXI Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14B101P-SFXI CYPRESS-CY14B101P-SFXI Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14B101P-SFXI CYPRESS-CY14B101P-SFXI Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
More results

Similar Description - CY14B101P-SFXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P_11 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com