Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17043X+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17043X+
Description  Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17043X+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17043X+ Datasheet HTML 6Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 7Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 8Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 9Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 10Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 11Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 12Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 13Page - Maxim Integrated Products MAX17043X+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Compact, Low-Cost 1S/2S Fuel Gauges
with Low-Battery Alert
10
______________________________________________________________________________________
Figure 6 shows an example application for a 1S cell
pack. The MAX17043 is mounted on the system side
and powered directly from the cell pack. The external
RC networks on VDD and CELL provide noise filtering of
the IC power supply and A/D measurement. In this
example, the ALRT pin is connected to the micro-
processor's interrupt input to allow the MAX17043 to
signal when the battery is low. The QSTRT pin is
unused in this application, so it is tied to GND.
Figure 7 shows a MAX17044 example application using
a 2S cell pack. The MAX17044 is mounted on the sys-
tem side and powered from a 3.3V supply generated
by the system. The CELL pin is still connected directly
to PACK+ through an external noise filter. The ALRT pin
is left unconnected because the interrupt feature is not
used in this application. After power is supplied, the
system watchdog generates a low-to-high transition on
the QSTRT pin to signal the MAX17044 to perform a
quick-start.
PACK-
PACK+
PROTECTION IC
(Li+/POLYMER)
SYSTEM GND
SYSTEM VDD
BATTERY
SYSTEM
MAX17043
CELL
EP
1
μF
1k
Ω
10nF
150
Ω
GND
CTG
SCL
SDA
QSTRT
VDD
ALRT
SYSTEM
μP
I2C BUS
MASTER
INTERRUPT
INPUT
4.7k
Ω
Figure 6. MAX17043 Application Example with Alert Interrupt
PACK-
PACK+
PROTECTION IC
(Li+/POLYMER)
SYSTEM GND
SYSTEM VDD
BATTERY
SYSTEM
MAX17044
CELL
1
μF
1k
Ω
GND
CTG
SCL
SDA
QSTRT
VDD
SYSTEM PMIC
SYSTEM
μP
I2C BUS
MASTER
3.3V OUTPUT
WATCHDOG
ALRT
EP
Figure 7. MAX17044 Application Example with Hardware Reset


Similar Part No. - MAX17043X+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043X++ MAXIM-MAX17043X+ Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
MAX17043X++ MAXIM-MAX17043X+ Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
MAX17043X+T10 MAXIM-MAX17043X+T10 Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
MAX17043X+T10 MAXIM-MAX17043X+T10 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
More results

Similar Description - MAX17043X+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_12 Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17040 MAXIM-MAX17040 Datasheet
349Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
19-5210; Rev 3; 4/10
MAX17040 MAXIM-MAX17040_11 Datasheet
457Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
Maxim Integrated Produc...
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
logo
STI Vibration Monitorin...
CMCP1100S STI-CMCP1100S Datasheet
600Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
CMCP1100C STI-CMCP1100C Datasheet
575Kb / 2P
   Low-Cost Compact Accelerometer with M8 Connector
CMCP1100 STI-CMCP1100 Datasheet
594Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com