Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17043G+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX17043G+T
Description  Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17043G+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX17043G+T Datasheet HTML 4Page - Maxim Integrated Products MAX17043G+T Datasheet HTML 5Page - Maxim Integrated Products MAX17043G+T Datasheet HTML 6Page - Maxim Integrated Products MAX17043G+T Datasheet HTML 7Page - Maxim Integrated Products MAX17043G+T Datasheet HTML 8Page - Maxim Integrated Products MAX17043G+T Datasheet HTML 9Page - Maxim Integrated Products MAX17043G+T Datasheet HTML 10Page - Maxim Integrated Products MAX17043G+T Datasheet HTML 11Page - Maxim Integrated Products MAX17043G+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Compact, Low-Cost 1S/2S Fuel Gauges
with Low-Battery Alert
8
_______________________________________________________________________________________
VCELL Register
Battery voltage is measured at the CELL pin input with
respect to GND over a 0 to 5.00V range for the
MAX17043 and 0 to 10.00V for the MAX17044 with reso-
lutions of 1.25mV and 2.50mV, respectively. The A/D
calculates the average cell voltage for a period of
125ms after IC POR and then for a period of 500ms for
every cycle afterwards. The VCELL register requires
500ms to update after exiting Sleep mode. The result is
placed in the VCELL register at the end of each conver-
sion period. Figure 3 shows the VCELL register format.
SOC Register
The SOC register is a read-only register that displays
the state of charge of the cell as calculated by the
ModelGauge algorithm. The result is displayed as a
percentage of the cell’s full capacity. This register
automatically adapts to variation in battery size since
the MAX17043/MAX17044 naturally recognize relative
SOC. Units of % can be directly determined by observ-
ing only the high byte of the SOC register. The low byte
provides additional resolution in units 1/256%. The
reported SOC also includes residual capacity, which
might not be available to the actual application because
of early termination voltage requirements. When SOC()
= 0, typical applications have no remaining capacity.
The first update occurs within 250ms after POR of the
IC. Subsequent updates occur at variable intervals
depending on application conditions. ModelGauge cal-
culations outside the register are clamped at minimum
and maximum register limits. Figure 4 shows the SOC
register format.
MODE Register
The MODE register allows the host processor to send
special commands to the IC (Table 2). Valid MODE reg-
ister write values are listed as follows. All other MODE
register values are reserved.
VERSION Register
The VERSION register is a read-only register that con-
tains a value indicating the production version of the
MAX17043/MAX17044.
CONFIG Register
The CONFIG register compensates the ModelGauge
algorithm, controls the alert interrupt feature, and forces
the IC into Sleep mode through software. The format of
CONFIG is shown in Figure 5.
CONFIG
CONFIG is an 8-bit value that can be adjusted to opti-
mize IC performance for different lithium chemistries or
different operating temperatures. Contact Maxim for
instructions for optimization. The power-up default
value for CONFIG is 97h.
MSB—ADDRESS 02h
LSB—ADDRESS 03h
211
210
29
28
27
26
25
24
23
22
21
20
0
0
0
0
MSB
LSB
MSB
LSB
0: BITS ALWAYS READ LOGIC 0
UNITS: 1.25mV FOR MAX17043
2.50mV FOR MAX17044
Figure 3. VCELL Register Format
MSB—ADDRESS 04h
LSB—ADDRESS 05h
27
26
25
24
23
22
21
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
MSB
LSB
MSB
LSB
UNITS: 1.0%
Figure 4. SOC Register Format
VALUE
COMMAND
DESCRIPTION
4000h
Quick-Start
See the Quick-Start
description section.
Table 2. MODE Register Commands


Similar Part No. - MAX17043G+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043G+T MAXIM-MAX17043G+T Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17043G+T MAXIM-MAX17043G+T Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
MAX17043G+T MAXIM-MAX17043G+T Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
More results

Similar Description - MAX17043G+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_12 Datasheet
334Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 5; 6/12
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17040 MAXIM-MAX17040 Datasheet
349Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
19-5210; Rev 3; 4/10
MAX17040 MAXIM-MAX17040_11 Datasheet
457Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
Maxim Integrated Produc...
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
logo
STI Vibration Monitorin...
CMCP1100S STI-CMCP1100S Datasheet
600Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
CMCP1100C STI-CMCP1100C Datasheet
575Kb / 2P
   Low-Cost Compact Accelerometer with M8 Connector
CMCP1100 STI-CMCP1100 Datasheet
594Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com