Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TST-RR-10T-13 Datasheet(PDF) 1 Page - Dialight Corporation

Part # TST-RR-10T-13
Description  Tactical Composite Rear Tail Light
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

TST-RR-10T-13 Datasheet(HTML) 1 Page - Dialight Corporation

  TST-RR-10T-13 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES / BENEFITS
Specially designed for military applications
Conforms to FMVSS 108 and MIL-STD-1179
Lamp housing comes in standard olive drab with
hard-wired military connectors
Safer,
faster on signal to trailing vehicles in stop/turn
function
Low power consumption
High vibration resistance
Robust, impact-resistant design
Easy retrofit of existing incandescent
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDTBTCTLX001_B
APPLICATION
SPECIFICATIONS
Dialight has developed Tactical Composite Rear Tail Lights as an easy incandescent retrofit upgrade for new and existing
military vehicles. These lamps were designed to conform to all of the FMVSS 108 and military specifications.
Dialight's unique hermetically sealed lamps are perfect for extreme environmental conditions. In addition, their vibration
resistance makes these devices ideal for use on military vehicles.
Part Number
Description
TST-RR-13T-13
Tactical Rear Thin Lamp with Housing for Retrofit
TST-RR-10T-13
Tactical Rear Thin Lamp
Dimensions are in inches [mm]


Similar Part No. - TST-RR-10T-13

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
TST-10 AMPHENOL-TST-10 Datasheet
74Kb / 2P
   Turbidity Sensor
logo
Samtec, Inc
TST-105-01-F-D-FR SAMTEC-TST-105-01-F-D-FR Datasheet
255Kb / 1P
   SHROUDED .025" SQ POST IDC HEADERS
TST-105-01-F-D-P SAMTEC-TST-105-01-F-D-P Datasheet
255Kb / 1P
   SHROUDED .025" SQ POST IDC HEADERS
TST-105-01-F-D-RA-FR SAMTEC-TST-105-01-F-D-RA-FR Datasheet
255Kb / 1P
   SHROUDED .025" SQ POST IDC HEADERS
TST-105-01-F-D-RA-P SAMTEC-TST-105-01-F-D-RA-P Datasheet
255Kb / 1P
   SHROUDED .025" SQ POST IDC HEADERS
More results

Similar Description - TST-RR-10T-13

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
TFP-AA-13T-13 DIALIGHT-TFP-AA-13T-13 Datasheet
87Kb / 1P
   Tactical Composite Front Park Turn Light
TBL-GC-14T-13 DIALIGHT-TBL-GC-14T-13 Datasheet
100Kb / 1P
   Tactical Blackout Drive Light
logo
Chicago Miniature Lamp,...
5120F CML-5120F Datasheet
24Kb / 1P
   Rear Panel Mounted LED Indicator Light
logo
NXP Semiconductors
MC35XS3500 NXP-MC35XS3500 Datasheet
2Mb / 45P
   Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
logo
Freescale Semiconductor...
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
   Smart Rear Corner Light Switch(penta 35 mOhm)
logo
Harris Corporation
RF-6705 HARRIS-RF-6705 Datasheet
241Kb / 2P
   TACTICAL Chat IP
RF-5800-RU HARRIS-RF-5800-RU Datasheet
176Kb / 2P
   TACTICAL RETRANSMISSION UNIT
logo
Dialight Corporation
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
   Tactical Marker Lights
logo
Freescale Semiconductor...
35XS3500 FREESCALE-35XS3500 Datasheet
1Mb / 41P
   Smart Rear Corner Light Switch (Penta 35 m廓)
logo
Isahaya Electronics Cor...
RT3XBBM ISAHAYA-RT3XBBM Datasheet
141Kb / 4P
   Composite Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com