Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHELW2100 Datasheet(PDF) 1 Page - Dialight Corporation

Part # SHELW2100
Description  Compact High Intensity LED Downlight
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

SHELW2100 Datasheet(HTML) 1 Page - Dialight Corporation

  SHELW2100 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical Information:
Mechanical Dimensions: 10.750” x 4.750” x 0.625”
(273.05mm X 120.65mm X 15.88mm)
Fixture Weight:
27 oz (0.76Kg)
Mounting:
Two M20 x 1.5 drilled and tapped
Electrical specifications:
Operating Voltage:
28 VDC +/- 15%
Input (W):
27W maximum
Input current (nom):
0.95A @ 28V input
Operating Temp:
-40°C to +49°C (-40°F to +120°F)
EMI/RFI:
Meets MIL-STD-1474D
Materials:
Cord:
10” jacketed lead wires with female Molex
connector + 24” jacketed extension cable
with male Molex connector included
Housing:
Diecast aluminum housing
Finish:
White powder coated
Lens:
Polycarbonate lens
Photometric Information:
CRI (typ):
>70
CCT (typ):
6000K (cool white)
IES Files:
Refer to www.dialight.com
Blackout/
Can be run at full brightness or switched
Dimming:
to 0.1% of brightness
Normal mode (full brightness) connect
28VDC to red wire & ground to black wire
For dim mode (0.1% brightness) switch 28
VDC to grey wire & keep ground to black wire
For optimal performance, light should be mounted to a flat metal surface
Compact High Intensity
LED Downlight
Dimensions in mm [Inches]
Certifications & Ratings:
w CE102/MIL-STD-461F: 2007
w RE102/MIL-STD-461F: 2007
Features & Benefits:
w 1,500 and 2,100 lumen versions available
w Low profile design - less than 1” high
w Dimming mode activated via push button
switch reduces light level to 10% of full brightness in hi/low version
or 5-100% on variable dimming version
w Blackout mode activated via external control reduces light level
to 0.1% of full brightness
w Extremely rugged design, impact and vibration resistant
Extremely rugged design, impact & vibration resistant perfect for special
purpose vehicle interior lighting, shelters, shipboard lighting and general
interior lighting.
www.dialight.com
Ordering Code:
Part Number
Dimming Method
Optic
Initial Fixture
Lumens
SHELW1500
Variable
Wide
1,500
SHELN2100
HI/LO
Spot
2,100
SHELW2100
Variable
Wide
2,100
MDEXLUMSHLX001_A
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDEXLUMSHLX001.pdf


Similar Part No. - SHELW2100

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
SHEL CIT-SHEL Datasheet
269Kb / 3P
   CIT SWITCH
SHEL1 CIT-SHEL1 Datasheet
269Kb / 3P
   CIT SWITCH
More results

Similar Description - SHELW2100

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
LMC-X27-80A-RLA-D DIALIGHT-LMC-X27-80A-RLA-D Datasheet
167Kb / 2P
   COMPACT HIGH INTENSITY LED Downlight
LMB-W27-24A-RLA-D2 DIALIGHT-LMB-W27-24A-RLA-D2 Datasheet
117Kb / 2P
   COMPACT HIGH INTENSITY LED Downlight With 'Blue Out' or 'Red Out'
logo
Cree, Inc
LR6 CREE-LR6 Datasheet
409Kb / 2P
   LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
   LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
   LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
   LED Downlight
LR4 CREE-LR4 Datasheet
424Kb / 2P
   Architectural LED Downlight
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
   Dimmable LED Downlight
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
   CR6 LED Downlight - 6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com