Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWMRD-C1-CW-WD Datasheet(PDF) 1 Page - Dialight Corporation

Part # PWMRD-C1-CW-WD
Description  POWERWHITE CIRCULAR LED MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

PWMRD-C1-CW-WD Datasheet(HTML) 1 Page - Dialight Corporation

  PWMRD-C1-CW-WD Datasheet HTML 1Page - Dialight Corporation PWMRD-C1-CW-WD Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
p Utilizes 4 premium flux LUXEON® Rebel™ LEDs,
100+ lumens for cool white, 100+ lumens for
neutral white and 50+ lumens for warm white
p Allows for custom heatsink or fixture design
p ETL recognized to UL standards (pending)
p Available in choice of colours & colour
temperatures
p Quick connect terminal blocks for easy installation
p >70% lumen maintenance @ 50,000 hours at
max operating temperature. Better at lower
operating temps!
POWERWHITE
CIRCULAR LED MODULES
PWMR/PWMRD
MDEXLUMPWMR_A
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
APPLICATION
Dialight Europe Ltd
Exning Road • Newmarket • Suffolk, United Kingdom, CB8 0AX
Tel :+44 (0)1638 666541 • www.dialight.com
ORDERING INFORMATION
SP = 7 degree spot
WD = 13 degree wide
All angles are half divergence
Optic (BB)
Typical Colour
(AA) Temperature
p Spot lighting
p Accent lighting
p General illumination
p Interior use only
p Architectural lighting
p Machine vision
p Display cases
PWMRD-C1-AA-BB
Options
Blank = no onboard
driver
D = with onboard
driver
MATERIALS / FINISH
p Casing - ADC10 Aluminium Alloy
p Finish - Anodised Satin Silver
p Connection - Cage Clamp Connectors
p Optics - Dialight-Lumidrives Optics
p Lens Cover - Polycarbonate 143R
p Rear Cover - Polycarbonate 143R
Diameter x H
35.0mm x 37.5mm (1.38” x 1.48”)
Maximum Cable Dia - 1.5mm2 / 16 AWG
35
1.38
[]
33,5
1.32
[]
37,44
[1.47]
INPUT CONNECTOR
1.5mm² MAX CABLE
MECHANICAL DIMENSIONS
CW = 5000K – 6350K
NW = 3800K – 4100K
WW = 2850K – 3250K
All applications require additional heatsink. For factory
fitted heatsink see MR16 / MR16-LV datasheet.


Similar Part No. - PWMRD-C1-CW-WD

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PWM-120 MEANWELL-PWM-120 Datasheet
124Kb / 6P
   120W PWM output LED power supply
PWM-120-12 MEANWELL-PWM-120-12 Datasheet
124Kb / 6P
   120W PWM output LED power supply
PWM-120-12BLE MEANWELL-PWM-120-12BLE Datasheet
955Kb / 8P
   120W Wireless Lighting Constant Voltage LED Driver Solution
PWM-120-12KN MEANWELL-PWM-120-12KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-120-12KN MEANWELL-PWM-120-12KN Datasheet
748Kb / 7P
   120W Constant Voltage PWM Output KNX LED Driver
2022-02-18
More results

Similar Description - PWMRD-C1-CW-WD

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
PWARD-C1-CW-SP DIALIGHT-PWARD-C1-CW-SP Datasheet
140Kb / 2P
   POWERWHITE CIRCULAR LED MODULES
AR111-LV-CW-SP DIALIGHT-AR111-LV-CW-SP Datasheet
176Kb / 2P
   CIRCULAR LED MODULES
MR16-LV-CW-SP DIALIGHT-MR16-LV-CW-SP Datasheet
97Kb / 2P
   CIRCULAR LED MODULES
PWD-60-1-35-P DIALIGHT-PWD-60-1-35-P Datasheet
151Kb / 2P
   POWERWHITE DRIVER
logo
Rohm
SLR-343X ROHM-SLR-343X Datasheet
905Kb / 12P
   Circular LED lamp
2021.12 - Rev.010
logo
Marktech Corporate
MT206-R MARKTECH-MT206-R Datasheet
28Kb / 1P
   2mm CIRCULAR LED LAMPS
logo
Rohm
SLA-560 ROHM-SLA-560 Datasheet
102Kb / 4P
   High bright circular LED lamps (?5.0mm)
SLI-560 ROHM-SLI-560 Datasheet
105Kb / 4P
   Ultra high bright circular LED lamps
logo
Marl International Limi...
795-107-00-51 MARL-795-107-00-51 Datasheet
379Kb / 3P
   LED MODULES
logo
LUMEX INC.
SSL-LX50FT9SISUGW LUMEX-SSL-LX50FT9SISUGW Datasheet
54Kb / 1P
   T-5 FLAT TOP CIRCULAR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com