Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH15D78/ANP-121MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH15D78/ANP-121MC
Description  Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH15D78/ANP-121MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH15D78/ANP-121MC Datasheet HTML 1Page - Sumida Corporation CDRH15D78/ANP-121MC Datasheet HTML 2Page - Sumida Corporation CDRH15D78/ANP-121MC Datasheet HTML 3Page - Sumida Corporation CDRH15D78/ANP-121MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 27-Jul-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH15D78/A
Electrical Characteristics
1.17
216.3(173)
220
±20%
221M
CDRH15D78/ANP-221MC
1.28
167.5(134)
180
±20%
181M
CDRH15D78/ANP-181MC
1.38
152.5(122)
150
±20%
151M
CDRH15D78/ANP-151MC
1.55
130.0(104)
120
±20%
121M
CDRH15D78/ANP-121MC
1.70
100.0(80)
100
±20%
101M
CDRH15D78/ANP-1Ø1MC
1.87
75.0(60)
82
±20%
820M
CDRH15D78/ANP-82ØMC
2.05
67.5(54)
68
±20%
680M
CDRH15D78/ANP-68ØMC
2.26
57.5(46)
56
±20%
560M
CDRH15D78/ANP-56ØMC
2.52
43.8(35)
47
±20%
470M
CDRH15D78/ANP-47ØMC
2.68
41.3(33)
39
±20%
390M
CDRH15D78/ANP-39ØMC
2.75
37.5(30)
33
±20%
330M
CDRH15D78/ANP-33ØMC
3.20
36.3(29)
27
±20%
270M
CDRH15D78/ANP-27ØMC
3.55
27.5(22)
22
±20%
220M
CDRH15D78/ANP-22ØMC
3.90
25.0(20)
18
±20%
180M
CDRH15D78/ANP-18ØMC
4.14
20.0(16)
15
±20%
150M
CDRH15D78/ANP-15ØMC
4.42
18.8(15)
12
±20%
120M
CDRH15D78/ANP-12ØMC
5.38
16.3(13)
10
±20%
100M
CDRH15D78/ANP-1ØØMC
Rated current
(at 125
℃) (A) ※2
D.C.R. (m
Ω)
[Max.](Typ.)
(at 20
℃)
Inductance
(
μH)
[within]
※1
Stamp
Part name
※1. Measuring condition: at 100 kHz.
※2. Rated current: The DC current at which the inductance decreases to 65% of its nominal value or when
△t=30℃, whichever is lower .


Similar Part No. - CDRH15D78/ANP-121MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH15D78/ANP-121MC SUMIDA-CDRH15D78/ANP-121MC Datasheet
214Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDRH15D78/ANP-121MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com