Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH10D68RT125NP-4R7NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH10D68RT125NP-4R7NC
Description  Ferrite drum core construction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH10D68RT125NP-4R7NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH10D68RT125NP-4R7NC Datasheet HTML 1Page - Sumida Corporation CDRH10D68RT125NP-4R7NC Datasheet HTML 2Page - Sumida Corporation CDRH10D68RT125NP-4R7NC Datasheet HTML 3Page - Sumida Corporation CDRH10D68RT125NP-4R7NC Datasheet HTML 4Page - Sumida Corporation CDRH10D68RT125NP-4R7NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 1-Jun-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH10D68R/T125
Electrical Characteristics
※ 1 Measuring frequency inductance at 100kHz.
※ 2 ( ) are typical value
※ 3 Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※ 4 Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.49
0.33
0.45
1560(1253)
1000
±25%
102
CDRH10D68RT125NP-102PC
0.61
0.40
0.60
1030(828)
680
±25%
681
CDRH10D68RT125NP-681PC
0.72
0.50
0.68
703(562)
470
±25%
471
CDRH10D68RT125NP-471PC
0.91
0.55
0.80
465(372)
330
±25%
331
CDRH10D68RT125NP-331PC
1.00
0.73
1.00
370(296)
220
±25%
221
CDRH10D68RT125NP-221PC
1.23
0.86
1.23
250(200)
150
±25%
151
CDRH10D68RT125NP-151PC
1.50
1.05
1.50
175(140)
100
±25%
101
CDRH10D68RT125NP-101PC
1.80
1.24
1.80
125(100)
68
±25%
680
CDRH10D68RT125NP-680PC
2.00
1.60
2.00
88.3(70.6)
47
±25%
470
CDRH10D68RT125NP-470PC
2.60
1.85
2.60
59.1(47.3)
33
±25%
330
CDRH10D68RT125NP-330PC
3.10
2.47
3.10
39.1(31.3)
22
±25%
220
CDRH10D68RT125NP-220PC
3.60
2.85
3.60
30.6(24.5)
15
±25%
150
CDRH10D68RT125NP-150PC
4.40
3.60
4.40
21.4(17.1)
10
±25%
100
CDRH10D68RT125NP-100PC
5.55
3.89
5.50
16.4(13.0)
7.5
±30%
7R5
CDRH10D68RT125NP-7R5NC
6.45
4.14
5.95
14.2(11.3)
6.2
±30%
6R2
CDRH10D68RT125NP-6R2NC
7.60
5.17
7.15
9.9(7.9)
4.7
±30%
4R7
CDRH10D68RT125NP-4R7NC
8.30
5.60
7.80
8.5(6.8)
3.3
±30%
3R3
CDRH10D68RT125NP-3R3NC
9.50
7.50
10.50
7.1(5.7)
2.2
±30%
2R2
CDRH10D68RT125NP-2R2NC
10.50
8.50
11.00
6.1(4.9)
1.5
±30%
1R5
CDRH10D68RT125NP-1R5NC
(at125
℃)
(Typ)
(at20
℃)
Temperature
rise current
(
A) ※4
Saturation current
(A)※3
D.C.R.
(m
Ω)[Max.]
(at20
℃) ※2
Inductance
(
μH)
[Within]※1
Stamp
Part No.


Similar Part No. - CDRH10D68RT125NP-4R7NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D68RT125NP-4R7NC SUMIDA-CDRH10D68RT125NP-4R7NC Datasheet
231Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH10D68RT125NP-4R7NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com