Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GL3UR8 Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. GL3UR8
Description  ø3mmT-1, Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Indicator
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GL3UR8 Datasheet(HTML) 1 Page - Sharp Electrionic Components

  GL3UR8 Datasheet HTML 1Page - Sharp Electrionic Components GL3UR8 Datasheet HTML 2Page - Sharp Electrionic Components GL3UR8 Datasheet HTML 3Page - Sharp Electrionic Components GL3UR8 Datasheet HTML 4Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
25
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/
Super-luminosity LED Lamp/High-luminosity LED Lamp
GL3❏❏8 series
GL3❏❏8 series
s Outline Dimensions
ø3.8
ø3.0
Colored diffusion
0.5
±0.1
2.54NOM
12
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
s Directive Characteristics
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
DC
Pulse
GL3UR8
GL3TR8
GaAlAs on GaAlAs
GaAlAs on GaAs
75
110
30
50
0.40
0.67
0.67
4.00
260
260
50
*1
300
*2
4
5
Model No.
Emitting color
Material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*3
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Red(Super-luminosity)
Red(High-luminosity)
-25 to +85
-25 to +85
-25 to +100
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 Duty ratio=1/16, Pulse width
≤1ms
*3 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL3UR8
GL3TR8
Colored
diffusion
TYP
MAX
1.85
1.75
2.5
2.2
660
660
20
20
20
20
20
20
100
10
3
4
25
30
1
1
99
99
20
20
300
60
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
s Electro-optical Characteristics
(Unit :
mm)
(Ta=25˚C)
ø3mm(T-1), Cylinder Type, Colored
Diffusion, High-luminosity LED
Lamps for Indicator


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn