Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDS-425-WW-S Datasheet(PDF) 1 Page - Dialight Corporation

Part # CDS-425-WW-S
Description  CD Series White LED Linear Fixture
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

CDS-425-WW-S Datasheet(HTML) 1 Page - Dialight Corporation

  CDS-425-WW-S Datasheet HTML 1Page - Dialight Corporation CDS-425-WW-S Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part Number
DESCRIPTION
Colour Driver 36
3 channel DMX controllable LED driver. Up to 12 LEDs per channel, 350mA max drive current
CD Series White LED
Linear Fixture
Certifications & Compliance
w
IP67 rated version available
w
CE Compliant
Features & Benefits:
w
Single colour linear modules utilises the latest high efficiency
LUXEON Rebel LED technology
w
>70% lumen maintenance @ 50,000 hours at max operating
temperature
w
Low power consumption
w
Choice of LED colour and optical patterns available
Application:
Utilizes the latest high efficiency LUXEON® Rebel LED technology. Applications
include Retail Lighting, Exterior Lighting, Architectural Lighting, Wall Washing,
Nightclubs and Entertainment. Choice of optical patterns available. All of
Dialight’s long life LED luminaires are designed to meet the most demanding
specification criteria while offering maximum energy savings, reduced
maintenance costs, and a superior quality of light.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy savings,
reduced maintenance costs, and a superior quality of light.
Mechanical Information:
Container Dimensions:
28mm x 50mm x Length
[1.10” x 1.97” x Length]
Lengths available:
425mm [16.73”]
615mm [24.21”]
1190mm [46.85”]
Container Weight:
425mm - 1.2kg / 2.6lbs
615mm - 1.6kg / 3.5lbs
1190mm - 2.5kg / 5.5lbs
Mounting:
Adjustable Stainless Steel Brackets
Electrical specifications:
Operating Temperature:
-20ºC to +50ºC
Drive Current:
350mA
Housing:
Anodised Aluminium Construction
Lens:
Glass Lens (IP) Acrylic Lens (Non -IP)
Photometric Information:
CDS425mm
12 LEDS
CDS615mm
18 LEDS
CDS1190mm
36 LEDS
www.dialight.com
Ordering Codes: Compatible Drivers
Order Codes:
C D S - B B B B - C C - D - E E
Length (BBBB)
Typical Colour
Temperature. (CC)
Lens Type
(D)
IP Rating
Option (EE)
Length (mm)
# of LED’s
S = Spot 5°
M = Medium 8°
IP = IP67
425
12
CW = 5000K - 6350K
W = Wide 20°
615
18
NW = 3800K - 4100K
V = Oval 8° X 25°
Blank = Non IP
1190
36
WW = 2850K - 3250K
D = Spot Diffused 7°
425mm, 615mm, 1190mm
42mm
40mm


Similar Part No. - CDS-425-WW-S

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
CDS-425-WWDIP DIALIGHT-CDS-425-WWDIP Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-WWMIP DIALIGHT-CDS-425-WWMIP Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-WWSIP DIALIGHT-CDS-425-WWSIP Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-WWVIP DIALIGHT-CDS-425-WWVIP Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-WWWIP DIALIGHT-CDS-425-WWWIP Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
More results

Similar Description - CDS-425-WW-S

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
CDS-425-12-CW-S DIALIGHT-CDS-425-12-CW-S Datasheet
191Kb / 2P
   CD Series White LED Linear Fixture
CDS-425-RGB-S-P DIALIGHT-CDS-425-RGB-S-P Datasheet
234Kb / 2P
   CD Series LED Linear RGB Fixture
CDS-425-12-S-P DIALIGHT-CDS-425-12-S-P Datasheet
234Kb / 2P
   CD Series LED Linear RGB Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
104Kb / 2P
   SafeSite Series LED Linear Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
LPK24 DIALIGHT-LPK24 Datasheet
760Kb / 2P
   DuroSite Series LPK LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P_12 Datasheet
182Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX_12 Datasheet
177Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
HBC9C3M DIALIGHT-HBC9C3M Datasheet
369Kb / 4P
   SafeSite Series LED High Bay Fixture
LBW1C1D-EU DIALIGHT-LBW1C1D-EU Datasheet
146Kb / 1P
   DuroSite LED Low Bay Fixture
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com