Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1RW-C13-008-EU Datasheet(PDF) 1 Page - Dialight Corporation

Part # D1RW-C13-008-EU
Description  LED Based L-864/L-865 Flashing Dual (White/Red) Strobe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

D1RW-C13-008-EU Datasheet(HTML) 1 Page - Dialight Corporation

  D1RW-C13-008-EU Datasheet HTML 1Page - Dialight Corporation D1RW-C13-008-EU Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.dialight.com
LED Based L-864/L-865 Flashing Dual (White/Red) Strobe
Application:
The all LED Dialight Medium Intensity White Strobe and Red Beacon is
designed for the lighting of communication towers, smoke stacks wind
generators and other obstructions to aerial navigation, as specified by
the FAA and FCC. The Dual L864 / L865 uses LED technology for light
output from both the Red Beacon and White Strobe. Unlike conventional
Xenon flashtube technology, little or no maintenance is required during
its lifetime. Working voltages of less than 200VDC are significantly less than
those of Xenon flashtube designs; therefore, this system represents an
advance in safety. The Dialight Dual L864 / L865 LED beacon operates
from a 48VDC supply. The power supply / control box can be located
up to 550 ft away from the light engine, such as at the base of the tower.
Order code:
D1RW-C13-008
48VDC FAA OEM
D1RW-C13-008-EU
100-240VAC, European Version
Flashhead Weight:
26 lbs
Operating Voltage:
Universal 100/240 VAC 50/60Hz
power factor corrected supply
Candela:
White Day
20,000 cd
White Night
2,000 cd
Red Night
2,000 cd
Wattage:
White Day
90W
White Night
35W
Red Night
25W
Power Factor:
>0.9
Operating Temp:
-40ºF to +131ºF (-40ºC to +55ºC)
Synchronization:
Multiple unit sync from single controller
(Operates with other manufacturers of GPS sync devices)
Dimensions in Inches [mm]
US Patent #7,281,821
other patents pending
Certified to:
FAA AC NO: 150/5345-43F
FAA Engineering Brief No. 67
Compliant to:
ICAO Annex 14, 4th Edition, July 2004
ICAO Aerodromes Design Manual, Chapter 18
Canadian Aviation Regulation CAR 621.19
(Transport Canada)
DGAC Mexico
Qualified By:
Intertek ETL
Flip top design for simple installation


Similar Part No. - D1RW-C13-008-EU

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
D1RW-C13-008-EU DIALIGHT-D1RW-C13-008-EU Datasheet
648Kb / 8P
   Vigilant짰 Series LED Based Obstruction Lights
More results

Similar Description - D1RW-C13-008-EU

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
D1RW-B13-008 DIALIGHT-D1RW-B13-008 Datasheet
92Kb / 1P
   Flashing Dual LED (White/Red) Strobe
D1RW-L13-008 DIALIGHT-D1RW-L13-008 Datasheet
174Kb / 1P
   Vigilant L-866/L-885 LED (White/Red) Catenary Strobe
D464-A13-001 DIALIGHT-D464-A13-001 Datasheet
410Kb / 4P
   LED Based L-864 Red Medium Intensity Beacon for Obstruction Applications
D464-R13-001 DIALIGHT-D464-R13-001 Datasheet
231Kb / 1P
   Vigilant짰 L-864 Infrared (IR) LED Based Medium Intensity Red Beacon
D156-A33-270 DIALIGHT-D156-A33-270 Datasheet
94Kb / 1P
   Vigilant Series LED Based L-856 High Intensity (White) Strobe
D464B13001 DIALIGHT-D464B13001 Datasheet
153Kb / 1P
   SafeSite L-864 Red LED Medium Intensity Beacon
logo
OptoSupply Internationa...
OSR5SS3131A OPTOSUPPLY-OSR5SS3131A Datasheet
96Kb / 1P
   3mm Flashing Red LED
logo
Molex Electronics Ltd.
1801600001 MOLEX-1801600001 Datasheet
513Kb / 4P
   CREE MP-L EASY WHITE LED HOLDER
2009/06/18
1801600000 MOLEX-1801600000 Datasheet
513Kb / 4P
   CREE MP-L EASY WHITE LED HOLDER
2009/06/18
1801600002 MOLEX-1801600002 Datasheet
513Kb / 4P
   CREE MP-L EASY WHITE LED HOLDER
2009/06/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com