Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GL3UR43 Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. GL3UR43
Description  Ã¸3mmT-1, CylinderThin Type, Colored Transparency, Highluminosity LED Lamps for Backlight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GL3UR43 Datasheet(HTML) 1 Page - Sharp Electrionic Components

  GL3UR43 Datasheet HTML 1Page - Sharp Electrionic Components GL3UR43 Datasheet HTML 2Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Lamps
u 43 Series
Series
Ype ‘ED
s Model No.
GL3UR43 Red (Super-luminosity)
GL3LR43 Red (High-luminosity)
GL3TR43 Red (High-luminosity)
GL3PR43 Red
GL3HD43 Red
GL3HS43 Sunset orange
GL3HY43 Yellow
GL3EG43 Yellow-green
GL3KG43 Green
Features
2.
3.
all resin mold
Colored transparency lens type
Wide viewing angle
s Absolute Maximum Ratings
Parameter
Power dissipation
Continuous forward current
forward
Reverse voltage
Operating temperature
Storage temperature
temperature
Outline Dimensions
(Unit: mm)
Pin connections
Anode
,
Cathode
0
. . . . .
1 2
Unspecified tolerance
GL3UR43 GL3LR43 GL3PR43 GL3HD43 GL3EG43
Symbol
GL3HS43
Unit
GL3HY43
P
75
110
23
84
84
30
50
10
30
30
0.40
0.67
0.13
0.40
0.40
0.67
4.00
0.67
0.67
0.67
4
5
5
5
5
v
–25
to
+85
–25
to
“c
5 seconds)
“c
Duty ratio
1/10 , Pulse width
Duty ratio
1/16 , Pulse width
lms for GL3LR43 and
At the position of 1.6mm from the bottom face of resin package
“In the absence of
by
SHARP takes no
for any
that
m equipment using any of SHARPS
55
shown m catalogs, data books, etc. Contact SHARP
order to obtain the latest version of the
sheets before using any SHARPS


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn