Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3911T+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3911T+
Description  Temperature-Controlled, Nonvolatile, I2C Quad DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3911T+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3911T+ Datasheet HTML 1Page - Maxim Integrated Products DS3911T+ Datasheet HTML 2Page - Maxim Integrated Products DS3911T+ Datasheet HTML 3Page - Maxim Integrated Products DS3911T+ Datasheet HTML 4Page - Maxim Integrated Products DS3911T+ Datasheet HTML 5Page - Maxim Integrated Products DS3911T+ Datasheet HTML 6Page - Maxim Integrated Products DS3911T+ Datasheet HTML 7Page - Maxim Integrated Products DS3911T+ Datasheet HTML 8Page - Maxim Integrated Products DS3911T+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
����������������������������������������������������������������� Maxim Integrated Products  3
DS3911
Temperature-Controlled, Nonvolatile,
I2C Quad DAC
TEMPERATURESENSORCHARACTERISTICS
(VCC = +2.8V to +5.5V, TA = -40NC to +100NC, unless otherwise noted.)
ANALOGVOLTAGEMONITORINGCHARACTERISTICS
(VCC = +2.8V to +5.5V, TA = -40NC to +100NC, unless otherwise noted.)
I2CACELECTRICALCHARACTERISTICS
(VCC = +2.8V to +5.5V, TA = -40NC to +100NC, timing referenced to VIL(MAX) and VIH(MIN), unless otherwise noted.) (See Figure 1.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Error
TA = -40NC to +100NC
Q
5
N
C
Update Rate (Temperature and
Supply Conversion Time)
tFRAME
16
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Resolution
LSB
Full-scale voltage of 6.5536V
800
F
V
Input/Supply Accuracy
ACC
At factory setting
0.25
1
%FS
Input Supply Offset
VOS
(Note 5)
0
5
LSB
Update Rate (Temperature and
Supply Conversion Time)
tFRAME
16
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 6)
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD:STA
0.6
F
s
Low Period of SCL
tLOW
1.3
F
s
High Period of SCL
tHIGH
0.6
F
s
Data Hold Time
tHD:DAT
0
0.9
F
s
Data Setup Time
tSU:DAT
100
ns
START Set-Up Time
tSU:STA
0.6
F
s
SDA and SCL Rise Time
tR
(Note 7)
20 + 0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 7)
20 + 0.1CB
300
ns
STOP Set-Up Time
tSU:STO
0.6
F
s
SDA and SCL Capacitive
Loading
CB
(Note 7)
400
pF
EEPROM Write Time
tW
(Note 8)
10
20
ms
A0, A1 Setup Time
tSU:A
Before START
0.6
F
s
A0, A1 Hold Time
tHD:A
After STOP
0.6
F
s
Input Capacitance on A0, A1,
SDA, or SCL
CI
5
10
pF
Startup time
tST
2
ms


Similar Part No. - DS3911T+

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
   GU Flowmeter Accessories
More results

Similar Description - DS3911T+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92066 TI1-LMP92066 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Temperature-Controlled DAC
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
   SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
REV. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
logo
Microchip Technology
MCP444X MICROCHIP-MCP444X Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com