Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD4020-05MB Datasheet(PDF) 1 Page - ORION FANS

Part # OD4020-05MB
Description  DC Fan - 5, 12, 24V 40x20mm (1.58 x 0.79)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD4020-05MB Datasheet(HTML) 1 Page - ORION FANS

  OD4020-05MB Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
31
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD4020 Series
DC Fan - 5, 12, 24V
40x20mm (1.58”x 0.79”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Sleeve Bearing
Sealed Sleeve Bearing
Tachometer
Alarm
Thermal control
Life Expectancy (L10)
Ball - 60,000 hrs (45C)
Sleeve - 30,000 hrs (45C)
Operating Temperature
Ball: -20 ~ 80C
Connection
2x Lead wires 26AWG
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Ball bearing
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature -30C ~ +90C
Model Number
Speed
(RPM)
Airflow
(CFM)
Noise
(dB)
Volts DC Voltage
Range
(VDC)
Amps
Max. Static
Pressure
(“H2O)
OD4020-05HB
7800
9
32
5
4 ~7
0.25
0.30
OD4020-05MB
6900
8
28
5
4 ~7
0.16
0.24
OD4020-05LB
6200
7
24
5
4 ~7
0.14
0.19
OD4020-12HB
7800
9
32
12
7 ~ 14
0.10
0.30
OD4020-12MB
6900
8
28
12
7 ~ 14
0.08
0.24
OD4020-12LB
6200
7
24
12
7 ~ 14
0.07
0.19
OD4020-24HB
7800
9
32
24
10 ~ 27
0.07
0.30
OD4020-24MB
6900
8
28
24
10 ~ 27
0.06
0.24
OD4020-24LB
6200
7
24
24
10 ~ 27
0.05
0.19
To indicate sleeve bearing replace “B” suffix with “S” in part number (25,000 hrs life expectancy)
To indicate sealed sleeve bearing replace “B” with “SS” in part number (45,000 hrs life expectancy)
m1
77282 2009_fan_cat sec 2:Layout 1
7/28/09
11:11 AM
Page 31


Similar Part No. - OD4020-05MB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD4020-05MB ORIONFANS-OD4020-05MB Datasheet
120Kb / 1P
   DC Fan
OD4020-05MB ORIONFANS-OD4020-05MB Datasheet
383Kb / 1P
   DC Fan - 5, 12, 24V 40x20mm (1.58?쓝 0.79??
More results

Similar Description - OD4020-05MB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD4020 ORIONFANS-OD4020_16 Datasheet
383Kb / 1P
   DC Fan - 5, 12, 24V 40x20mm (1.58?쓝 0.79??
OD4020-SS ORIONFANS-OD4020-SS Datasheet
346Kb / 1P
   DC Fan - 12, 24V 40x20mm (1.58?쓝 0.79??
OD4010 ORIONFANS-OD4010 Datasheet
89Kb / 1P
   DC Fan - 5, 12, 24V 40x10mm (1.58 x 0.39)
OD4010 ORIONFANS-OD4010_16 Datasheet
282Kb / 1P
   DC Fan - 5, 12, 24V 40 x 10mm (1.58??x 0.39??
OD4028 ORIONFANS-OD4028 Datasheet
112Kb / 1P
   DC Fan - 5, 12, 24V 40x28mm (1.58?쓝 1.10??
OD4028 ORIONFANS-OD4028_16 Datasheet
376Kb / 1P
   DC Fan - 5, 12, 24V 40x28mm (1.58?쓝 1.10??
OD9220 ORIONFANS-OD9220_16 Datasheet
198Kb / 1P
   DC Fan - 12, 24V 92x20mm (3.6?쓝 0.79??
OD4010-SS ORIONFANS-OD4010-SS Datasheet
224Kb / 1P
   DC Fan - 12, 24V 40x10mm (1.58?쓝 0.39??
OD9220 ORIONFANS-OD9220 Datasheet
110Kb / 1P
   12, 24V DC Fan 92x20mm (3.6?쓝 0.79??
OD5010 ORIONFANS-OD5010 Datasheet
401Kb / 1P
   DC Fan - 5, 12, 24V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com