Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1865T+TR Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1865T+TR
Description  PON Triplexer Control and Monitoring Circuit
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1865T+TR Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1865T+TR Datasheet HTML 6Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 7Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 8Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 9Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 10Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 11Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 12Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 13Page - Maxim Integrated Products DS1865T+TR Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
PON Triplexer Control and
Monitoring Circuit
10
____________________________________________________________________
Detailed Description
The DS1865 integrates the control and monitoring func-
tionality required to implement a PON system using
Maxim’s MAX3643 compact burst-mode laser driver.
The compact laser driver solution offers a considerable
cost benefit by integrating control and monitoring fea-
tures in the low-power CMOS process, while leaving
only the high-speed portions to the laser driver. Key
components of the DS1865 are shown in the
Block
Diagram and described in subsequent sections. Table 1
contains a list of acronyms used in this data sheet.
APC Control
BIAS current is controlled by an average power control
(APC) loop. The APC loop uses digital techniques to
overcome the difficulties associated with controlling
burst-mode systems.
Typical Operating Circuit
BEN+
BEN-
DIS
IN-
IN+
OUT-
BIAS-
BIAS+
MDIN
COMPACT BURST-MODE
LASER DRIVER
DS1865
BURST-MODE
MONITOR/CONTROL CIRCUIT
MDOUT
OUT+
VCC
TX-F
TX-D
SCL
SDA
LOSI
D1
D2
D0
D3
MON2
MON3
MON4
FETG
DAC1
M4DAC
MON1
3.3V
THERMISTOR
APD BOOST DC-DC
BMD
3.3V
TRANSMIT POWER
DISABLE INPUT
RECEIVER LOS
OPEN-DRAIN LOS OUTPUT
FAULT OUTPUT
I2C COMMUNICATION
RECEIVE POWER
ADDITIONAL
DIGITAL I/O
CATV
12V
FTTH CATV
TIA
MAX3643
MAX3654
Table 1. Acronyms
ACRONYM
DEFINITION
ADC
Analog-to-Digital Converter
APC
Average Power Control
ATB
Alarm Trap Bytes
DAC
Digital-to-Analog Converter
LUT
Lookup Table
NV
Nonvolatile
PON
Passive Optical Network
QT
Quick Trip
SEE
Shadowed EEPROM
TE
Tracking Error
TXP
Transmit Power


Similar Part No. - DS1865T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1865T+TR MAXIM-DS1865T+TR Datasheet
530Kb / 66P
   PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
More results

Similar Description - DS1865T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865 Datasheet
530Kb / 66P
   PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
   PON Triplexer and SFP Controller
Rev 1; 10/08
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com