Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1878 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1878
Description  SFP Controller with Digital LDD Interface
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1878 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1878 Datasheet HTML 4Page - Maxim Integrated Products DS1878 Datasheet HTML 5Page - Maxim Integrated Products DS1878 Datasheet HTML 6Page - Maxim Integrated Products DS1878 Datasheet HTML 7Page - Maxim Integrated Products DS1878 Datasheet HTML 8Page - Maxim Integrated Products DS1878 Datasheet HTML 9Page - Maxim Integrated Products DS1878 Datasheet HTML 10Page - Maxim Integrated Products DS1878 Datasheet HTML 11Page - Maxim Integrated Products DS1878 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
Note 1:
All voltages are referenced to ground. Current into the IC is positive, and current out of the IC is negative.
Note 2:
Inputs are at supply rail. Outputs are not loaded.
Note 3:
Eight ranges allow the full-scale range to change from 312mV to 1.25V.
Note 4:
The output impedance of the device is proportional to its scale setting. For instance, if using the 1/2 scale, the output
impedance is 1.5k
Ω.
Note 5:
This parameter is guaranteed by design.
Note 6:
Full-scale is programmable.
Note 7:
A temperature conversion is completed and the MODULATION register value is recalled from the LUT and VCC has been
measured to be above the VCC LO alarm.
Note 8:
The timing is determined by the choice of the SAMPLE RATE setting (see Table 02h, Register 88h).
Note 9:
This specification is the time it takes from MON3 voltage falling below the LLOS trip threshold to LOSOUT asserted high.
Note 10: This specification is the time it takes from MON3 voltage rising above the HLOS trip threshold to LOSOUT asserted low.
Note 11: Assuming an appropriate initial step is programmed that would cause the power to exceed the APC set point within four
steps, the bias current will be within 3% within the time specified by the binary search time. See the
BIAS and MODULA-
TION Control During Power-Up section.
Note 12: I2C interface timing shown is for fast-mode (400kHz) operation. This device is also backward compatible with I2C stan-
dard-mode timing.
Note 13: CB—the total capacitance of one bus line in pF.
Note 14: EEPROM write begins after a STOP condition occurs.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 12)
0
400
kHz
Clock Pulse-Width Low
tLOW
1.3
μs
Clock Pulse-Width High
tHIGH
0.6
μs
Bus-Free Time Between STOP and START
Condition
tBUF
1.3
μs
START Hold Time
tHD:STA
0.6
μs
START Setup Time
tSU:STA
0.6
μs
Data In Hold Time
tHD:DAT
0
0.9
μs
Data In Setup Time
tSU:DAT
100
ns
Rise Time of Both SDA and SCL Signals
tR
(Note 13)
20 + 0.1CB
300
ns
Fall Time of Both SDA and SCL Signals
tF
(Note 13)
20 + 0.1CB
300
ns
STOP Setup Time
tSU:STO
0.6
μs
Capacitive Load for Each Bus Line
CB
400
pF
EEPROM Write Time
tWR
(Note 14)
20
ms
SFP+ Controller with Digital LDD Interface
8
_______________________________________________________________________________________
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = +2.85V to +5.5V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
At +25°C
200,000
EEPROM Write Cycles
At +85°C
50,000
I2C AC ELECTRICAL CHARACTERISTICS
(VCC = +2.85V to +5.5V, TA = -40°C to +95°C, timing referenced to VIL(MAX) and VIH(MIN), unless otherwise noted.) (Figure 19)


Similar Part No. - DS1878

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS187 LUMILEDS-DS187 Datasheet
1Mb / 16P
   Industry-leading solutions for light guide DRL, and signature lamps
logo
Maxim Integrated Produc...
DS1870 MAXIM-DS1870 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870 MAXIM-DS1870 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
DS1870E-010 MAXIM-DS1870E-010 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870E-010 MAXIM-DS1870E-010 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
More results

Similar Description - DS1878

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1874 MAXIM-DS1874 Datasheet
1Mb / 88P
   SFP Controller with Digital LDD Interface
Rev 0; 6/09
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
   SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
Rev 0; 2/10
DS1886_V1 MAXIM-DS1886_V1 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
logo
Asahi Kasei Microsystem...
AK2557 AKM-AK2557 Datasheet
157Kb / 4P
   4ch Cathode Common LDD with Digital APC
AK2559 AKM-AK2559 Datasheet
158Kb / 4P
   2ch Cathode Common LDD with Digital APC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com