Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1865T+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1865T+
Description  PON Triplexer Control and Monitoring Circuit
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1865T+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1865T+ Datasheet HTML 1Page - Maxim Integrated Products DS1865T+ Datasheet HTML 2Page - Maxim Integrated Products DS1865T+ Datasheet HTML 3Page - Maxim Integrated Products DS1865T+ Datasheet HTML 4Page - Maxim Integrated Products DS1865T+ Datasheet HTML 5Page - Maxim Integrated Products DS1865T+ Datasheet HTML 6Page - Maxim Integrated Products DS1865T+ Datasheet HTML 7Page - Maxim Integrated Products DS1865T+ Datasheet HTML 8Page - Maxim Integrated Products DS1865T+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
PON Triplexer Control and
Monitoring Circuit
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +95°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on MON1–MON4, BEN, BMD, and
TX-D Pins Relative to Ground.................-0.5V to (VCC + 0.5V)
(subject to not exceeding +6V)
Voltage Range on VCC, SDA, SCL, D0–D3, and
TX-F Pins Relative to Ground ...............................-0.5V to +6V
Operating Temperature Range ...........................-40°C to +95°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...................See J-STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.85
+3.9
V
High-Level Input Voltage
(SDA, SCL, BEN)
VIH:1
0.7 x
VCC
VCC +
0.3
V
Low-Level Input Voltage
(SDA, SCL, BEN)
VIL:1
-0.3
0.3 x
VCC
V
High-Level Input Voltage
(TX-D, LOSI, D0, D1, D2, D3)
VIH:2
2.0
VCC +
0.3
V
Low-Level Input Voltage
(TX-D, LOSI, D0, D1, D2, D3)
VIL:2
-0.3
0.8
V
DC ELECTRICAL CHARACTERISTICS
(
VCC = +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
(Notes 1, 2)
5
10
mA
Output Leakage
(SDA, TX-F, D0, D1, D2, D3)
ILO
1µA
IOL = 4mA
0.4
Low-Level Output Voltage
(SDA, TX-F, FETG, D0, D1, D2, D3)
VOL
IOL = 6mA
0.6
V
High-Level Output Voltage
(FETG)
VOH
IOH = 4mA
VCC -
0.4
V
FETG Before Recall
(Note 3)
10
100
nA
Input-Leakage Current
(SCL, BEN, TX-D, LOSI)
ILI
1µA
Digital Power-On Reset
POD
1.0
2.2
V
Analog Power-On Reset
POA
2.1
2.75
V


Similar Part No. - DS1865T+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1865T++ MAXIM-DS1865T+ Datasheet
530Kb / 66P
   PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
DS1865T+TR MAXIM-DS1865T+TR Datasheet
530Kb / 66P
   PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
More results

Similar Description - DS1865T+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865 Datasheet
530Kb / 66P
   PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
   PON Triplexer and SFP Controller
Rev 1; 10/08
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com