Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

608-2232-220F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 608-2232-220F
Description  LED Panel Mount Indicators for 8mm Mounting Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

608-2232-220F Datasheet(HTML) 2 Page - Dialight Corporation

  608-2232-220F Datasheet HTML 1Page - Dialight Corporation 608-2232-220F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
608 Series
LED Panel Mount Indicators
for 8mm Mounting Hole
Snap-fit
SPECIFICATIONS
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Lock washer & nut
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL608X001_C
Part Number
Color
Voltage
(VDC)
Current
(mA)
Intensity
TYP. (mcd)
Figure
RoHS
Compliant
Panel
Thickness
608-1131-110F
Red
2
15
20
1
0.236 inches
(6 mm)
608-1231-110F
Green
2
15
15
1
608-1331-110F
Yellow
2
15
4
1
608-3131-110F
Red
2
15
20
2
608-3231-110F
Green
2
15
15
2
608-3331-110F
Yellow
2
15
4
2
Part Number
Color
Voltage
(VDC)
Current
(mA)
Intensity
TYP. (mcd)
Figure
RoHS
Compliant
Panel
Thickness
608-1132-220F
Red
6
15
60
3
0.197 inches
(5 mm)
608-1132-230F
Red
12
15
60
3
608-1132-240F
Red
24
15
60
3
608-1232-220F
Green
6
15
110
3
608-1232-230F
Green
12
15
110
3
608-1232-240F
Green
24
15
110
3
608-1332-220F
Yellow
6
15
90
3
608-1332-230F
Yellow
12
15
90
3
608-1332-240F
Yellow
24
15
90
3
608-2132-220F
Red
6
15
60
4
608-2132-230F
Red
12
15
60
4
608-2132-240F
Red
24
15
60
4
608-2232-220F
Green
6
15
110
4
608-2232-230F
Green
12
15
110
4
608-2232-240F
Green
24
15
110
4
608-2332-220F
Yellow
6
15
90
4
608-2332-230F
Yellow
12
15
90
4
608-2332-240F
Yellow
24
15
90
4


Similar Part No. - 608-2232-220F

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
608-303-04 MARL-608-303-04 Datasheet
53Kb / 1P
   PROFESSIONAL LED INDICATORS - 횠 6.35mm Mounting
608-309-04 MARL-608-309-04 Datasheet
53Kb / 1P
   PROFESSIONAL LED INDICATORS - 횠 6.35mm Mounting
608-312-04 MARL-608-312-04 Datasheet
53Kb / 1P
   PROFESSIONAL LED INDICATORS - 횠 6.35mm Mounting
More results

Similar Description - 608-2232-220F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
609-1112-130 DIALIGHT-609-1112-130 Datasheet
515Kb / 2P
   LED Panel Mount Indicators for 9mm Mounting Hole
249-4162-3734-504F DIALIGHT-249-4162-3734-504F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 3/8' Mounting Hole
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com