Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

607-2112-110F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 607-2112-110F
Description  LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

607-2112-110F Datasheet(HTML) 1 Page - Dialight Corporation

  607-2112-110F Datasheet HTML 1Page - Dialight Corporation 607-2112-110F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
607 Series
LED Panel Mount Indicators
for 7.2mm Mounting Hole
w/ Optional Watertight Capability
MDEL607X001_D
SPECIFICATIONS
FIG. 1
Dimensions in inches [mm] All measurements are typical
p RoHS compliant*
p Long Life - typically 100K hours
p Lower Power consumption - uses up to 90% less energy
then an incandescent indicator
p No heat generated
p Colors include red, green and yellow
p Front panel mounting
p Available Watertight Version: NEMA 4X/ IP66
p Chrome or plastic housing:
LED Positions: (See Figures below)
Protruding (Fig 1,2)
Recessed (Fig 3,4)
Internal (Fig 5)
p Voltage requirements:
2 VDC (current limiting resistor required)
6, 12, 24 VDC (no resistor required)
p Electrical connection through solder
terminals
p Mounting hole size: 0.283 inches (7.2 mm)
p Maximum panel thickness:
(see reverse side)
p Mounts with lock washer and nut
0.362 lbs/ft or 5 Kg/cm torque
recommended
0.217 lbs/ft or 3 Kg/cm torque
recommended (Figure 5 only)
p Operating Temperature : -30ºC to +85ºC
p Storage Temperature: -40ºC to +85ºC
p Housing Material:
Protruding & Recessed positions:
Chrome plated brass or
Internal Position:
Polycarbonate to match emitting color -
(Figure 5)
p Watertight Seal from front of panel meets
NEMA 4X/IP66
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
Dialight Europe Ltd
Exning Road • Newmarket • Suffolk, United Kingdom, CB8 0AX
Tel :+44 (0) 1638 665161 • www.dialight.com
*Compliant with exemption 6c, lead used as an alloying element in brass (up to 4% by weight)
FIG. 2
FIG. 3
FIG. 4
FIG. 5


Similar Part No. - 607-2112-110F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
607-2 ETC2-607-2 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
More results

Similar Description - 607-2112-110F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
609-1122-120F DIALIGHT-609-1122-120F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
657-3009-213F DIALIGHT-657-3009-213F Datasheet
93Kb / 1P
   Watertight - 11/16' Mounting Hole Panel Mount Indicators
557-1412-203F DIALIGHT-557-1412-203F Datasheet
108Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1502-203F DIALIGHT-557-1502-203F Datasheet
119Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
657-1502-103F DIALIGHT-657-1502-103F Datasheet
118Kb / 2P
   Domed & Flat LED Watertight 11/16' Mounting Hole Panel Mount Indicators
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com