Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

606-2311-110F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 606-2311-110F
Description  LED Panel Mount Indicators for 6mm Mounting Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

606-2311-110F Datasheet(HTML) 2 Page - Dialight Corporation

  606-2311-110F Datasheet HTML 1Page - Dialight Corporation 606-2311-110F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
606 Series
LED Panel Mount Indicators
for 6mm Mounting Hole
* Bi-color intensity (Red/Green)
MDEL606X001_C
Dimensions in inches [mm]
All measurements are typical
FIG. 1
FIG. 2
FIG. 3
FIG. 4
SPECIFICATIONS
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
COMMON CATHODE
COMMON CATHODE
Part Number
Color
Voltage
(VDC)
Current
(mA)
Typ. Intensity*
(mcd)
LED
Positions
Finish
Figure
RoHS
Compliant
606-1111-110F
Red
2
5
8
Protruding
Chrome
1
606-1211-110F
Green
2
15
30
Protruding
Chrome
1
606-1311-110F
Yellow
2
15
30
Protruding
Chrome
1
606-1415-110F
Red/Green
2
10
35/18
Protruding
Chrome
2
606-1415-120F
Red/Green
6
10
35/18
Protruding
Chrome
2
606-1415-130F
Red/Green
12
10
35/18
Protruding
Chrome
2
606-2111-110F
Red
2
5
8
Recess
Chrome
3
606-2211-110F
Green
2
15
30
Recess
Chrome
3
606-2311-110F
Yellow
2
15
30
Recess
Chrome
3
606-2415-110F
Red/Green
2
10
35/18
Recess
Chrome
4
606-2415-120F
Red/Green
6
10
35/18
Recess
Chrome
4
606-2415-130F
Red/Green
12
10
35/18
Recess
Chrome
4


Similar Part No. - 606-2311-110F

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
606-4304H1 VCC-606-4304H1 Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
logo
3M Electronics
606-NF 3M-606-NF Datasheet
135Kb / 6P
   3M??Weatherban??Acrylic Sealant 606-NF
More results

Similar Description - 606-2311-110F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
609-1112-130 DIALIGHT-609-1112-130 Datasheet
515Kb / 2P
   LED Panel Mount Indicators for 9mm Mounting Hole
249-4162-3734-504F DIALIGHT-249-4162-3734-504F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 3/8' Mounting Hole
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com