Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM1412 Datasheet(PDF) 9 Page - Analog Devices

Part # ADuM1412
Description  Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1412 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuM1412 Datasheet HTML 5Page - Analog Devices ADuM1412 Datasheet HTML 6Page - Analog Devices ADuM1412 Datasheet HTML 7Page - Analog Devices ADuM1412 Datasheet HTML 8Page - Analog Devices ADuM1412 Datasheet HTML 9Page - Analog Devices ADuM1412 Datasheet HTML 10Page - Analog Devices ADuM1412 Datasheet HTML 11Page - Analog Devices ADuM1412 Datasheet HTML 12Page - Analog Devices ADuM1412 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADuM1410/ADuM1411/ADuM1412
Rev. H | Page 9 of 24
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Channel-to-Channel Matching,
Codirectional Channels6
tPSKCD
5
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Opposing-Directional Channels6
tPSKOD
6
ns
CL = 15 pF, CMOS signal levels
All Models
Output Rise/Fall Time (10% to 90%)
tR/tF
CL = 15 pF, CMOS signal levels
5 V/3 V Operation
2.5
ns
3 V/5 V Operation
2.5
ns
Common-Mode Transient
Immunity at Logic High Output7
|CMH|
25
35
kV/μs
VIx = VDD1 or VDD2, VCM = 1000 V,
transient magnitude = 800 V
Common-Mode Transient
Immunity at Logic Low Output7
|CML|
25
35
kV/μs
VIx = 0 V, VCM = 1000 V, transient
magnitude = 800 V
Refresh Rate
fr
5 V/3 V Operation
1.2
Mbps
3 V/5 V Operation
1.1
Mbps
Input Enable Time8
tENABLE
2.0
μs
VIA, VIB, VIC, VID = 0 V or VDD1
Input Disable Time8
tDISABLE
5.0
μs
VIA, VIB, VIC, VID = 0 V or VDD1
Input Dynamic Supply Current
per Channel9
IDDI (D)
5 V Operation
0.12
mA/
Mbps
3 V Operation
0.07
mA/
Mbps
Output Dynamic Supply Current
per Channel9
IDDO (D)
5 V Operation
0.04
mA/
Mbps
3 V Operation
0.02
mA/
Mbps
1 The supply current values for all four channels are combined when running at identical data rates. Output supply current values are specified with no output load
present. The supply current associated with an individual channel operating at a given data rate can be calculated as described in the P
section.
See Figure
through Figure 10 for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See Figure
through
for total VDD1 and VDD2 supply currents as a function of data rate for ADuM1410/ADuM1411/ADuM1412 channel configurations.
ower Consumption
Power Consumption
8
Figure 8
11
Figure 15
2 The minimum pulse width is the shortest pulse width at which the specified pulse width distortion is guaranteed.
3 The maximum data rate is the fastest data rate at which the specified pulse width distortion is guaranteed.
4 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is
measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal.
5 tPSK is the magnitude of the worst-case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load
within the recommended operating conditions.
6 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of
the isolation barrier. Opposing-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with
inputs on opposing sides of the isolation barrier.
7 |CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. |CML| is the maximum common-mode voltage slew rate
that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient
magnitude is the range over which the common mode is slewed.
8 Input enable time is the duration from when VDISABLE is set low until the output states are guaranteed to match the input states in the absence of any input data logic
transitions. If an input data logic transition within a given channel does occur within this time interval, the output of that channel reaches the correct state within the
much shorter duration as determined by the propagation delay specifications within this data sheet. Input disable time is the duration from when VDISABLE is set high
until the output states are guaranteed to reach their programmed output levels, as determined by the CTRL2 logic state (see Table 14).
9 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in signal data rate. See
through
for information
on per-channel supply current for unloaded and loaded conditions. See the
section for guidance on calculating the per-channel supply current
for a given data rate.
Figure 10


Similar Part No. - ADuM1412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1412 AD-ADUM1412 Datasheet
525Kb / 20P
   Quad-Channel Digital Isolators
Rev. E
ADUM1412ARWZ AD-ADUM1412ARWZ Datasheet
525Kb / 20P
   Quad-Channel Digital Isolators
Rev. E
ADUM1412ARWZ AD-ADUM1412ARWZ Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1412ARWZ-RL AD-ADUM1412ARWZ-RL Datasheet
525Kb / 20P
   Quad-Channel Digital Isolators
Rev. E
ADUM1412ARWZ-RL AD-ADUM1412ARWZ-RL Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
More results

Similar Description - ADuM1412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com