Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

606-1111-110F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 606-1111-110F
Description  LED Panel Mount Indicators for 6mm Mounting Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

606-1111-110F Datasheet(HTML) 1 Page - Dialight Corporation

  606-1111-110F Datasheet HTML 1Page - Dialight Corporation 606-1111-110F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
606 Series
LED Panel Mount Indicators
for 6mm Mounting Hole
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL606X001_C
SPECIFICATIONS
Maximum panel thickness: 0.138 inches (3.5 mm)
Mounts with lock washer and nut
(0.362 lbs/ft or 5 Kg/cm torque recommended)
Operating Temperature : -25ºC to +85ºC
Storage Temperature: -25ºC to +100ºC
Housing Material: Chrome plated brass
FEATURES / BENEFITS
RoHS Compliant
Long Life - typically 100K hours
Low power consumption - uses up to 90% less
energy than an incandescent indicator
No heat generated
Colors include red, green and yellow and
red/green bi-color
Front panel mounting
LED can be recessed or protrude from housing
APPLICATIONS
Dialight's 600 series of metric indicators are designed for a variety of applications such as:
• Main and remote power indication
• Status Indication
• Maintenance and warning indication
• Instrumentation
...and many more!
Voltage requirements:
• 2 VDC (current limiting resistor required)
• 6 and 12 VDC - bi-color only (no resistor required)
Electrical connection:
• Single color through leads
• Bi-color - six inch 24 AWG lead wire
Mounting hole size: 0.248 inches (6.3 mm)
Bi-color common cathode design


Similar Part No. - 606-1111-110F

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
606-4304H1 VCC-606-4304H1 Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
logo
3M Electronics
606-NF 3M-606-NF Datasheet
135Kb / 6P
   3M??Weatherban??Acrylic Sealant 606-NF
More results

Similar Description - 606-1111-110F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
609-1112-130 DIALIGHT-609-1112-130 Datasheet
515Kb / 2P
   LED Panel Mount Indicators for 9mm Mounting Hole
249-4162-3734-504F DIALIGHT-249-4162-3734-504F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 3/8' Mounting Hole
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com