Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74F1803 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MC74F1803
Description  CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC74F1803 Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC74F1803
TIMING SOLUTIONS
BR1333 — REV 5
3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (TA = 0°C to +70°C: VCC = +5.0 V ±10%: RL = 500 Ω) 1
CL = 50 pF
Symbol
Parameter
Min
Max
Unit
fmax
Maximum Clock Frequency
70
MHz
tPLH
tPHL
Propagation Delay CP to On
3.0
7.5
ns
tPv
Propagation Delay CP to On Variation
3.0
ns
tps O0, O1, O2, O3,
Propagation Delay Skew |tPLH Actual – tPHL Actual| for O0, O1, O2, O3
2.0
ns
tos
Output to Output Skew 2 |tp On – tp Om|
2.0
ns
trise, tfall O1,
Rise/Fall Time for O1 (0.8 to 2.0 V)
3.0
ns
trise, tfall O0, O2, O3,
Rise/Fall Time for O1, O2, O3, (0.8 to 2.0 V)
3.5
ns
1. The test conditions used are all four outputs switching simultaneously. The AC characteristics described above are also guaranteed when two
outputs are tied together.
2. Where tp On and tp Om are the actual propagation delays (any combination of high or low) for two separate outputs from a given high transition
of CP.
3. For a given set of conditions (i.e., capacitive load, temperature, VCC, and number of outputs switching simultaneously) the variation from device
to device is guaranteed to be less than or equal to the maximum.
TYPICAL MC74F1803 APPLICATION
VCC
33 MHz Clock
33 MHz Clock
33 MHz Clock
(40 mA Output Drive)
3
6
9
12
7
1
11
10
5
4
14
CLK
8
66 MHz
MC74F1803
D0
D1
D2
D3
CP
O0
O1
O2
O3
74F04
12


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn