Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74F1803 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MC74F1803
Description  CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC74F1803 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Order this document
from Logic Marketing
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
1
7/95
REV 4
Clock Driver
Quad D-Type Flip-Flop
With Matched Propagation Delays
The MC74F1803 is a high–speed, low–power, quad D–type flip–flop
featuring separate D–type inputs and inverting outputs with closely matched
propagation delays. With a buffered clock (CP) input that is common to all
flip–flops, the MC74F1803 is useful in high–frequency systems as a clock
driver, providing multiple outputs that are synchronous. Because of the
matched propagation delays, the duty cycles of the output waveforms in a
clock driver application are symmetrical within 2.0 nanoseconds.
Edge–Triggered D–Type Inputs
Buffered Positive Edge–Triggered Clock
Matched Outputs for Synchronous Clock Driver Applications
Outputs Guaranteed for Simultaneous Switching
Pinout: 14–Lead Plastic (Top View)
14
13
12
11
10
9
12
3456
8
7
VCC
NC
O3
D3
D2
O2
CP
GND
NC
O0
D0
D1
O1
GND
LOGIC DIAGRAM
CP
D0
CP
D
Q
O0
D1
CP
D
Q
O1
D2
CP
D
Q
O2
D3
CP
D
Q
O3
VCC = Pin 14; GND = Pins 1,7; NC = Pins 2, 13
NOTE: This diagram is provided only for the understanding of logic operations and
should not be used to estimate propagation delays
MC74F1803
CLOCK DRIVER QUAD
D–TYPE FLIP–FLOP WITH
MATCHED PROPAGATION
DELAYS
N SUFFIX
PLASTIC
CASE 646–06
14
1
14
1
D SUFFIX
SOIC
CASE 751A–03
LOGIC SYMBOL
8
45
10
11
36
9
12
D0
D1
D2
D3
O1
O0
O2
O3
CP
VCC = PIN 14
GND = PINS 1 AND 7
NC = PINS 2 AND 13


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn