Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

598-8370-107F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 598-8370-107F
Description  Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Single Color Right Angle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

598-8370-107F Datasheet(HTML) 2 Page - Dialight Corporation

  598-8370-107F Datasheet HTML 1Page - Dialight Corporation 598-8370-107F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MECHANICAL DIMENSIONS
REFLOW SOLDERING HAND SOLDERING
Pre-heat
160~180oC
Temperature
300oC Max.
Pre-heat time
120 seconds Max.
Peak
temperature
260oC Max.
Soldering
time
3 second Max
(one time only)
Soldering time
10 seconds Max.
Condition
Refer to
temperature -profile
Micro LED
® SMD LED
MDEI5981208RT_A
“598 SERIES” 1208 PACKAGE
(3.2mm X 1.5mm X 1.0mm) Single Color Right Angle
Label
Recommended Soldering Pattern For
Reflow Soldering
DIMENSIONS OF REEL (UNIT:mm)
DIMENSIONS OF TAPE (UNIT:mm)
RED 630-642NM, RED-ORANGE 620-630NM, ORANGE 600-610NM, YELLOW 590-595NM, YELLOW 583-590NM, YELLOW GREEN 570-575NM, GREEN 562-570NM
GREEN 520-525NM, BLUE 470-475NM
OOPTICAL AND ELECTRICAL CHARACTERISTICS CURVES
FORWARD VOLTAGE VS FORWARD CURRENT (Ta=25°C)
RELATIVE INTENSITY VS FORWARD CURRENT (Ta=25°C)
DERATING
RELATIVE INTENSITY VS AMBIENT TEMPERATURE
FORWARD VOLTAGE VS FORWARD CURRENT (Ta=25°C)
RELATIVE INTENSITY VS FORWARD CURRENT (Ta=25°C)
DERATING
RELATIVE INTENSITY VS AMBIENT TEMPERATURE


Similar Part No. - 598-8370-107F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
598-8370-117F DIALIGHT-598-8370-117F Datasheet
430Kb / 2P
   Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Single Color Right Angle
More results

Similar Description - 598-8370-107F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
598-8310-117F DIALIGHT-598-8310-117F Datasheet
430Kb / 2P
   Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Single Color Right Angle
598-8510-207F DIALIGHT-598-8510-207F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 1208 PACKAGE (3.2mm X 1.5mm X 1.0mm) Bi-Color Right Angle
598-8810-307F DIALIGHT-598-8810-307F Datasheet
1Mb / 2P
   Micro LED SMD LED (3.2mm X 1.5mm X 1.0mm) Tri-Color Right Angle
5988540207F DIALIGHT-5988540207F Datasheet
1Mb / 2P
   Micro LED SMD LED 598 SERIES 1208 PACKAGE
598-8610-207F DIALIGHT-598-8610-207F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 1210 PACKAGE (3.2mm X 2.7mm X 0.7mm) Bi-Color
598-8210-107F DIALIGHT-598-8210-107F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 1206 PACKAGE (3.2mm X 1.6mm X 0.7mm) Single Color Water Clear
598-8010-107F DIALIGHT-598-8010-107F Datasheet
301Kb / 2P
   Micro LED SMD LED '598 SERIES' 0603 PACKAGE (1.6mm X 0.8mm X 0.7mm) Single Color
598-8110-107F DIALIGHT-598-8110-107F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 0805 PACKAGE (2.0mm X 1.25mm X 0.7mm) Single Color
598-8410-207F DIALIGHT-598-8410-207F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 0606 PACKAGE (1.6mm X 1.6mm X 0.7mm) Bi-Color
598-9210-107F DIALIGHT-598-9210-107F Datasheet
1Mb / 2P
   Micro LED SMD LED (3.2mm X 1.6mm X 0.7mm) Single Color Diffused
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com