Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593-323132-002-F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 593-323132-002-F
Description  3mm Tri-level Prism CBI Surface Mount LED BI-COLOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

593-323132-002-F Datasheet(HTML) 2 Page - Dialight Corporation

  593-323132-002-F Datasheet HTML 1Page - Dialight Corporation 593-323132-002-F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS (TA= 25OC)
OPERATING CHARACTERISTICS (TA= 25OC)
DIALIGHT RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME IN ORDER TO SUPPLY THE BEST PRODUCT POSSIBLE.
MDEF593B001_A
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
PARAMETER
30
31
32
COLOR
Red / Green
Yellow / Green
Red / Yellow
POWER DISSIPATION
(derate linearly from 55ºC mAºC)
95mW
0.75
95mW
0.75
95mW
0.75
FORWARD DC CURRENT
30mA
30mA
30mA
PEAK FORWARD CURRENT (µsec)
0.5 amp
0.5 amp
0.5 amp
OPERATING TEMPERATURE
-40ºC To +100ºC
-40ºC To +100ºC
-40ºC To +100ºC
STORAGE TEMPERATURE
-40ºC To +100ºC
-40ºC To +100ºC
-40ºC To +100ºC
SOLDERING TEMPERATURES
IR REFLOW FOR LEAD
FREE SOLDERING, RoHS
260ºC (+0ºC / -5ºC) For 30 Seconds
PARAMETER
PART NO.
COLOR
MIN
TYP
MAX
UNITS
TEST COND.
Forward Voltage
VF
30
red / green
2/2
2.5/2.5
V
IF=10mA
31
yellow / green
2/2
2.5/2.5
32
red / yellow
2/2
2.5/2.5
Reverse Voltage
VR
30
red / green
12/12
V
IF=10µA
31
yellow / green
12/12
32
red / yellow
12/12
Dominant Wavelength
Dom
30
red / green
628/570
nm
31
yellow / green
540/570
32
red / yellow
628/590
Luminous Intensity
lv
30
red / green
7/10
mcd
IF=20mA
31
yellow / green
6/10
32
red / yellow
9/6
Viewing Angle
(2Ø 1/2)
30
red / green
40/40
deg.
31
yellow / green
40/40
32
red / yellow
40/40
593 SERIES
3mm Tri-level Prism
® CBI®
Surface Mount LED
BI-COLOR


Similar Part No. - 593-323132-002-F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
593-202020-002F DIALIGHT-593-202020-002F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
593-202023-002-F DIALIGHT-593-202023-002-F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
593-202024-002-F DIALIGHT-593-202024-002-F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
593-202026-002-F DIALIGHT-593-202026-002-F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
593-202320-002-F DIALIGHT-593-202320-002-F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
More results

Similar Description - 593-323132-002-F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3535-002 DIALIGHT-592-3535-002 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
592-3030-002 DIALIGHT-592-3030-002 Datasheet
161Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BI-COLOR
593-202020-002F DIALIGHT-593-202020-002F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
593-212121-002F DIALIGHT-593-212121-002F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
592-2121-002 DIALIGHT-592-2121-002 Datasheet
137Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
592-2020-002 DIALIGHT-592-2020-002 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
5913001013F DIALIGHT-5913001013F Datasheet
30Kb / 2P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Round Lens
591-XX01-1XX DIALIGHT-591-XX01-1XX Datasheet
43Kb / 4P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Square Lens
553-0112F DIALIGHT-553-0112F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com