Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

592-2122-013 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 592-2122-013
Description  3mm Bi-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

592-2122-013 Datasheet(HTML) 1 Page - Dialight Corporation

  592-2122-013 Datasheet HTML 1Page - Dialight Corporation 592-2122-013 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
592 SERIES
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
a Roxboro Group Company
BRIGHT SINGLE COLOR
Available as a Lead (Pb) Free product - RoHS Compliant.
Incorporates latest LED technology, specifically designed for
surface mounting.
Compatible with automatic placement equipment.
Compatible with surface mount reflow soldering processes.
Black housing enhances contrast ratio.
Housing material meet UL-94V-0 flammability ratings.
Patented Bi-level design provides increased indication
without increased space.
Illumination areas compatible with industry standard 3mm
through-hole Bi-level Circuit Board Indicators.
Packaged in moisture barrier bags for dry packaging per
IPC/JEDEC J-STD-033.
Helps to eliminate mixed technology pc board processing.
SPECIFICATIONS
PART NUMBER *
COLOR COMBO
592-2121-0XX
AlGaAs Red/AlGaAs Red
592-2222-0XX
GREEN/GREEN
592-2727-0XX
AllnGaP Yellow/AllnGaP Yellow
SERIES
Position 1
Package option
592
2X
2X
0XX
Position 2
Color = 21) AlGaAs Red,
22) Green
24) AllnGaP Yellow, 00) blank
Package Size Options
-002 = 10 piece strip -013 = 13” reel dia.
Note: Custom color combinations available upon request.
Check with factory for details.
PART NUMBER CODE*
MDEF592D001_B
3mm Bi-level Prism
® CBI®
Surface Mount LED
* Part Number with “F” suffix ending is a Lead (Pb) Free
Product - RoHS Compliant.


Similar Part No. - 592-2122-013

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-2000-002 DIALIGHT-592-2000-002 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
592-2000-013 DIALIGHT-592-2000-013 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
592-2020-002 DIALIGHT-592-2020-002 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
592-2020-013 DIALIGHT-592-2020-013 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
592-2023-002 DIALIGHT-592-2023-002 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
More results

Similar Description - 592-2122-013

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3030-002 DIALIGHT-592-3030-002 Datasheet
161Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BI-COLOR
593-212121-002F DIALIGHT-593-212121-002F Datasheet
127Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BRIGHT SINGLE COLOR
593-303030-002F DIALIGHT-593-303030-002F Datasheet
128Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BI-COLOR
592-3535-002 DIALIGHT-592-3535-002 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
593-202020-002F DIALIGHT-593-202020-002F Datasheet
145Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED SINGLE COLOR
592-2020-002 DIALIGHT-592-2020-002 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
5913001013F DIALIGHT-5913001013F Datasheet
30Kb / 2P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Round Lens
591-XX01-1XX DIALIGHT-591-XX01-1XX Datasheet
43Kb / 4P
   3mm Prism CBI Circuit Board Indicator Surface Mount LED, Square Lens
553-0112F DIALIGHT-553-0112F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com