Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

564-0340-132 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 564-0340-132
Description  3mm LED CBI Circuit Board Indicator TRI-LEVEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

564-0340-132 Datasheet(HTML) 2 Page - Dialight Corporation

  564-0340-132 Datasheet HTML 1Page - Dialight Corporation 564-0340-132 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number
Color
Peak
Wavelength (nm)
lv
mcd
Test
Voltage
Test Current
(mA)
Viewing Angle
20 1/2
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
OPERATING CHARACTERISTICS (TA= 25
OC)
3mm LED CBI® Circuit Board Indicator
Tri-Level
DIALIGHT RESERVES THE RIGHT TO MAKE CHANGES AT ANY TIME IN ORDER TO SUPPLY THE BEST PRODUCT POSSIBLE.
Part Number
Color
Peak
Wavelength (nm)
Iv
mcd
VF
volts
Test Current
(mA)
Viewing Angle
20 1/2
HIGH EFFICIENCY - LED TYPE 1
564-0140-xxx
Red
Green
Yellow
Orange
635
565
585
600
10.0
12.6
10.0
7.0
2.0*
2.1*
2.1*
2.2
10
10
10
10
60
o
60
o
60
o
60
o
LOW CURRENT - LED TYPE 2
Part Number
Color
Peak
Wavelength (nm)
lv
mcd
VF
volts
Test Current
(mA)
Viewing Angle
20 1/2
564-0240-xxx
Red
Green
Yellow
635
565
585
1.6
1.6
1.6
1.7
1.9
1.8
2
2
2
60
o
60
o
60
o
INTEGRAL RESISTOR, 5 VOLTS - LED TYPE 3
564-0340-xxx
Red
Green
Yellow
635
565
585
29
19
12.6
5
5
5
10
10
10
60
o
60
o
60
o
BI-COLOR - LED TYPE 7
Red/Green
Yellow/Green
564-0740-111
564-0740-444
635/565
585/565
4.7/10.0
4.3./6.3
2.0/2.1*
2.1*
10
10
60
o
80
o
*IF = 20mA
Part Number
Color
Peak
Wavelength (nm)
lv
mcd
VF
volts
Test Current
(mA)
Viewing Angle
20 1/2
*IF = 20mA
MDEA564X001_B


Similar Part No. - 564-0340-132

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
564-0300-111 DIALIGHT-564-0300-111 Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
564-0300-111 DIALIGHT-564-0300-111 Datasheet
26Kb / 1P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
564-0300-111 DIALIGHT-564-0300-111 Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
564-0300-132 DIALIGHT-564-0300-132 Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
564-0300-132 DIALIGHT-564-0300-132 Datasheet
26Kb / 1P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
More results

Similar Description - 564-0340-132

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
564-0100-132F DIALIGHT-564-0100-132F Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
570-0100-XXX DIALIGHT-570-0100-XXX Datasheet
26Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Tri-Level
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com