Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

559-3001-003F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 559-3001-003F
Description  Snap-in LED - .250' Mounting Hole Panel Mount Indicators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

559-3001-003F Datasheet(HTML) 1 Page - Dialight Corporation

  559-3001-003F Datasheet HTML 1Page - Dialight Corporation 559-3001-003F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
RoHS compliant
Long life - typically 100K hours
Low power consumption - uses up to 90% less energy
than an incandescent indicator
Front panel snap-in mounting requires no additional hardware
No heat generated
Resistant to shock and vibration
Available in both 2 or 3 leaded versions
Termination - straight terminals for wire wrapping or
lead wire for soldering or optional terminals
Colors include - red/green and yellow /green
Three leaded version allows for additional color variations
559 Series
2 & 3 Leaded Bicolor
Snap-in LED - .250” Mounting Hole
Panel Mount Indicators
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL559LBCSI001_B
APPLICATIONS
Dialight's 559 series LED panel mount indicator is available with
a variety of LEDs including AlInGaP and InGaN technology for
high brightness applications, bicolor and integral resistors. These
indicators are designed for a variety of applications such as:
• Main and remote power indication
• Maintenance and warning indication
• Status indication
• Instrumentation
……..and many more!
SPECIFICATIONS
Voltage requirements:
*Operating temperature: -20°C to +85°C
1.6 - 2.3 VDC typical (current limiting resistor required)
*Storage temperature: -55°C to +100°C
Mounting hole size: 0.249 - 0.252" (6.32 - 6.40 mm)
Electrical connection
Panel thickness: 0.031 - 0.062" (.787 - 1.57 mm)
Straight terminals for wire wrapping or either
Housing: Black housing material meets
6 or 14 inch 24 AWG lead wire
UL94V-0 and enhances LED contrast
3 leads - common cathode
Please see back of page for part numbers and additional specifications.
STRAIGHT TERMINALS - TERMINATION OPTION 001
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
**24 AWG 6” WIRE LEADS - TERMINATION OPTION 003
**24 AWG 14” WIRE LEADS - TERMINATION OPTION 007
Dimensions in inches [mm]
BICOLOR: 559-3501-00X and 559-3601-00X ONLY
3 LEADED 6” WIRE LEADS - TERMINATION OPTION 003
3 LEADED 14” WIRE LEADS - TERMINATION OPTION 007
* Based on LED color -
Contact factory for details


Similar Part No. - 559-3001-003F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
559-3001-003F DIALIGHT-559-3001-003F Datasheet
206Kb / 2P
   559 Series Snap-in LED - .250??Mounting Hole
More results

Similar Description - 559-3001-003F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-1101-001F DIALIGHT-559-1101-001F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
558-1501-001F DIALIGHT-558-1501-001F Datasheet
134Kb / 2P
   Snap-in LED Panel Mount Indicators
558-0102-001F DIALIGHT-558-0102-001F Datasheet
126Kb / 2P
   5V Integral Resistor Snap-in LED - .156' Mounting Hole Panel Mount Indicators
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com