Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

559-0302-003F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 559-0302-003F
Description  Snap-in LED - .250' Mounting Hole Panel Mount Indicators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

559-0302-003F Datasheet(HTML) 2 Page - Dialight Corporation

  559-0302-003F Datasheet HTML 1Page - Dialight Corporation 559-0302-003F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL559SIIR001_B
5 VOLT INTERNAL RESISTOR
Part Number
Color
Peak
Wavelength
(nm)
Intensity
typ.
(mcd)
Voltage
(VDC)
Current
(mA)
Viewing
Angle
2Ø 1/2
Maximum DC
forward
Voltage
Termination
RoHS
Complaint
559-0102-001F
Red
635
8
5
10
60
7.5
Straight terminals
a
559-0202-001F
Green
565
8
5
10
60
7.5
Straight terminals
a
559-0302-001F
Yellow
583
8
5
10
60
7.5
Straight terminals
a
559-0102-003F
Red
635
8
5
10
60
7.5
6 inch wire leads
a
559-0202-003F
Green
565
8
5
10
60
7.5
6 inch wire leads
a
559-0302-003F
Yellow
583
8
5
10
60
7.5
6 inch wire leads
a
559-0102-007F
Red
635
8
5
10
60
7.5
14 inch wire leads
a
559-0202-007F
Green
565
8
5
10
60
7.5
14 inch wire leads
a
559-0302-007F
Yellow
583
8
5
10
60
7.5
14 inch wire leads
a
12 VOLT INTERNAL RESISTOR
Part Number
Color
Peak
Wavelength
(nm)
Intensity
typ.
(mcd)
Voltage
(VDC)
Current
(mA)
Viewing
Angle
2Ø 1/2
Maximum DC
forward
Voltage
Termination
RoHS
Complaint
559-0103-001F
Red
635
8
12
13
60
15
Straight terminals
a
559-0203-001F
Green
565
8
12
13
60
15
Straight terminals
a
559-0303-001F
Yellow
583
8
12
13
60
15
Straight terminals
a
559-0103-003F
Red
635
8
12
13
60
15
6 inch wire leads
a
559-0203-003F
Green
565
8
12
13
60
15
6 inch wire leads
a
559-0303-003F
Yellow
583
8
12
13
60
15
6 inch wire leads
a
559-0103-007F
Red
635
8
12
13
60
15
14 inch wire leads
a
559-0203-007F
Green
565
8
12
13
60
15
14 inch wire leads
a
559-0303-007F
Yellow
583
8
12
13
60
15
14 inch wire leads
a
Typical Operating Characteristics (Ta=25
oC)
Typical Operating Characteristics (Ta=25
oC)
559 Series
5V,12V,24V - Operation
Snap-in LED - .250” Mounting Hole
Panel Mount Indicators
24 VOLT EXTERNAL RESISTOR
Part Number
Color
Peak
Waveleng
th (nm)
Intensity
typ.
(mcd)
Voltage
(VDC)
Current
(mA)
Viewing
Angle
2Ø 1/2
Maximum DC
forward Voltage
Termination
RoHS
Complaint
559-6104-003F
Red
635
2100
24
20
15
28
6 inch wire leads
a
559-6204-003F
Green
525
2200
24
18.5
30
28
6 inch wire leads
a
559-5904-003F
Yellow
592
3100
24
20
15
28
6 inch wire leads
a
Typical Operating Characteristics (Ta=25
oC)


Similar Part No. - 559-0302-003F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
559-0302-003F DIALIGHT-559-0302-003F Datasheet
206Kb / 2P
   559 Series Snap-in LED - .250??Mounting Hole
More results

Similar Description - 559-0302-003F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-1101-001F DIALIGHT-559-1101-001F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-3001-001F DIALIGHT-559-3001-001F Datasheet
182Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
558-1501-001F DIALIGHT-558-1501-001F Datasheet
134Kb / 2P
   Snap-in LED Panel Mount Indicators
558-0102-001F DIALIGHT-558-0102-001F Datasheet
126Kb / 2P
   5V Integral Resistor Snap-in LED - .156' Mounting Hole Panel Mount Indicators
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com