Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

557-1422-203F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 557-1422-203F
Description  High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

557-1422-203F Datasheet(HTML) 1 Page - Dialight Corporation

  557-1422-203F Datasheet HTML 1Page - Dialight Corporation 557-1422-203F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
p RoHS compliant
p Bi-color feature allows for multiple indications
p Daylight viewability
p Tamperproof / Designed for high durability
p Long life, up to 100k hours
p Uniform illumination
p Low profile flat lens design
557 Series - Bi-Color
High Intensity LED
Panel Mount Indicators
for 11/16” Mounting Hole
Watertight
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL557V001_E
APPLICATIONS
The 557 Series LED Panel Mount Indicators incorporate both
InGaN and AlInGaP technologies to offer higher intensities.
This is a highly durable package, designed to withstand out-
door applications susceptible to rain, dust, and sunlight.
• Instrument panels
• Lane control
• Safety applications
• Transportation - rail, bus, airline
• Vending, gaming
... and many more!
SPECIFICATIONS
p Available in red/green, red/blue, yellow/green, yellow/blue, and yellow/red
p Voltage: 5 VDC
p 3 leaded bi-color - black lead common cathode
wire color represents emitted color
p Housing material: White polycarbonate
p Lens material: Polycarbonate 94 - VO
Please see back of page for part numbers and additional specifications.
Dimensions are in inches [mm]
All measurements are typical
p Watertight seal from front of panel meets
MIL-L-3661 B
Maximum mounting torque - 15 in./lb.
p Front mounting in 11/16" clearance hole
p *Operating temperature: -30°C to +80°C
p *Storage temperature: -40°C to +85°C
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
* Based on LED color -
Contact factory for details


Similar Part No. - 557-1422-203F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
557-1422-203 DIALIGHT-557-1422-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
More results

Similar Description - 557-1422-203F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
557-1502-203F DIALIGHT-557-1502-203F Datasheet
119Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
657-3009-213F DIALIGHT-657-3009-213F Datasheet
93Kb / 1P
   Watertight - 11/16' Mounting Hole Panel Mount Indicators
657-1502-103F DIALIGHT-657-1502-103F Datasheet
118Kb / 2P
   Domed & Flat LED Watertight 11/16' Mounting Hole Panel Mount Indicators
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
609-1122-120F DIALIGHT-609-1122-120F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
607-1112-110F DIALIGHT-607-1112-110F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
656 DIALIGHT-656 Datasheet
532Kb / 4P
   High Intensity LED Panel Mount Indicators
Nov2021
556-1103-304 DIALIGHT-556-1103-304 Datasheet
45Kb / 1P
   11/16, 1 MOUNTING HOLE WATERTIGHT
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com