Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

556-1803-324F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 556-1803-324F
Description  Class I, Div. 2 Panel Mount Indicators for 1' Mounting Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

556-1803-324F Datasheet(HTML) 2 Page - Dialight Corporation

  556-1803-324F Datasheet HTML 1Page - Dialight Corporation 556-1803-324F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
556 Series Class I, Div. 2
for 1” Mounting Hole Watertight - NEMA4X IP66
MDEL556CID2_A
*For domed lens style: replace 4th digit with “3” for example 556-3503-324F
www.dialight.com
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
www.dialight.com/Assets/Brochures_And_Catalogs/Indication/MDEL556CID2.pdf
Part Number
Lens Style*
Color
Voltage
Voltage Type
Current (mA)
Typical Intensity (fL)
556-1003-324F
Flat
White
12
VDC
60
4000
556-1503-324F
Flat
Red
12
VDC
95
3000
556-1603-324F
Flat
Green
12
VDC
60
4000
556-1683-324F
Flat
Cyan
12
VDC
60
4000
556-1703-324F
Flat
Yellow
12
VDC
95
3000
556-1803-324F
Flat
Blue
12
VDC
60
1200
556-1903-324F
Flat
Orange
12
VDC
95
3000
556-1004-324F
Flat
White
24
VDC
32
4000
556-1504-324F
Flat
Red
24
VDC
46
3000
556-1604-324F
Flat
Green
24
VDC
32
4000
556-1684-324F
Flat
Cyan
24
VDC
32
4000
556-1704-324F
Flat
Yellow
24
VDC
46
3000
556-1804-324F
Flat
Blue
24
VDC
32
1200
556-1904-324F
Flat
Orange
24
VDC
46
1200
556-1508-324F
Flat
Red
37.5
VDC
20
2600
556-1608-324F
Flat
Green
37.5
VDC
16
4000
556-1708-324F
Flat
Yellow
37.5
VDC
20
2600
556-1506-324F
Flat
Red
72
VDC
18.5
1800
556-1606-324F
Flat
Green
72
VDC
16
1800
556-1706-324F
Flat
Yellow
72
VDC
20
1000
556-1806-324F
Flat
Blue
72
VDC
16
1200
556-1507-324F
Flat
Red
125
VDC
10
700
556-1607-324F
Flat
Green
125
VDC
10
1000
556-1707-324F
Flat
Yellow
125
VDC
10
7000
556-1005-324F
Flat
White
125
VAC
9
1800
556-1505-324F
Flat
Red
125
VAC
10.5
1200
556-1605-324F
Flat
Green
125
VAC
9.5
1800
556-1685-324F
Flat
Cyan
125
VAC
9.5
1800
556-1705-324F
Flat
Yellow
125
VAC
10.5
1200
556-1805-324F
Flat
Blue
125
VAC
9.5
500
556-1905-324F
Flat
Orange
125
VAC
10.5
500
556-1009-324F
Flat
White
230
VAC
7
1800
556-1509-324F
Flat
Red
230
VAC
7
1200
556-1609-324F
Flat
Green
230
VAC
7
1800
556-1709-324F
Flat
Yellow
230
VAC
7
1200
556-1809-324F
Flat
Blue
230
VAC
7
500
556-1909-324F
Flat
Orange
230
VAC
7
1800
Other voltages are available. Please contact our factory for more information.


Similar Part No. - 556-1803-324F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
556-1803-324F DIALIGHT-556-1803-324F Datasheet
275Kb / 1P
   1' LED PMI, FLAT LENS CLASS 1, DIV.2
More results

Similar Description - 556-1803-324F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
556-1503-314F DIALIGHT-556-1503-314F Datasheet
135Kb / 2P
   Day Light Viewable Panel Mount Indicators for 1' Mounting Hole
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
609-1112-130 DIALIGHT-609-1112-130 Datasheet
515Kb / 2P
   LED Panel Mount Indicators for 9mm Mounting Hole
249-4162-3734-504F DIALIGHT-249-4162-3734-504F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 3/8' Mounting Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com