Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550-0707 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 550-0707
Description  5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-0707 Datasheet(HTML) 1 Page - Dialight Corporation

  550-0707 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES / BENEFITS
Multiple CBIs form horizontal LED arrays on
6.35mm (0.250”) center-lines.
High contrast, UL 94 V-0 rated, black housing
Oxygen index: 32%
Polymer content: PBT, 0.206 g
Housing stand-offs facilitate PCB cleaning
Solderability per MIL-STD-202F, method 208F
LEDs are safe for direct viewing per IEC 825-1,
EN-60825-1
Compatible with: 550-xx07 Dual Block and
550-xx07-004 Quad Block
550 SERIES
5mm LED CBI®
Circuit Board Indicator
Sloped Back Housing with
Standoffs
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
a Roxboro Group Company
MDEA550X001_A
Series
LED Type
PART NUMBER ORDERING CODE
Reverse Polarity Option
1) Cathode Left
Contact factory for information on
custom color combinations.
TOLERANCE NOTE: As noted, otherwise:
• LED Protrusion: +0.41mm [+0.016]
• CBI Housing: +0.20mm [+0.008]
To order any of the 550-xx07 part numbers with Reverse Polarity
(Cathode Left), please add -010 to the part numbers shown above.
PART NUMBER
COLOR
GENERAL PURPOSE
550-0207
Green
550-0307
Yellow
550-0407
Red
INTEGRAL RESISTOR
550-0507
Red, 5V
550-0707
Green, 5V
550-0807
Yellow, 5V
LOW CURRENT
550-1107
Red
550-1207
Yellow
550-1307
Green
HIGH EFFICIENCY
550-2207
Green
550-2307
Yellow
550-2407
Red
550-2507
Orange
BI-COLOR
550-3007
Red/Green
550-3107
Yellow/Green
SUPER BRIGHT, DIFFUSED
550-5107
Red
550-5207
Green
550-5307
Yellow
SUPER BRIGHT, WATER CLEAR (Non-tinted, Non-diffused)
550-5507
Red
550-5607
Green
550-5707
Yellow
Standard Polarity shown in drawing: Cathode right
550
xx07
010
Dimension A: 3.43 [.135] for -0207 to -0407, 4.83 [.190] for all others
Dimension B: .635 [.025] for -0507 to -0707, .508 [.020] for all others
Hole Diameter: 1.22 [.48] for .635 [.025] leads, 1.02 [.040] for all others


Similar Part No. - 550-0707

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-0707 DIALIGHT-550-0707 Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
550-0707-004 DIALIGHT-550-0707-004 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
More results

Similar Description - 550-0707

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-5207F DIALIGHT-550-5207F Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
550-XX07-004 DIALIGHT-550-XX07-004 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
550-XX05 DIALIGHT-550-XX05 Datasheet
121Kb / 1P
   5mm LED CBI, SO BACK HOUSING
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
561-XX0X-XXX DIALIGHT-561-XX0X-XXX Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com