Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

433-2220-005XL Datasheet(PDF) 1 Page - Dialight Corporation

Part # 433-2220-005XL
Description  Low Voltage LED Traffic Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

433-2220-005XL Datasheet(HTML) 1 Page - Dialight Corporation

  433-2220-005XL Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES / BENEFITS
p Polarity Protected
p Robust High Flux LED Technology
p Ideal for Solar and Battery Application
p Long Life
p Standard 8” and 12” Modules
p Fully Sealed Module
p Incandescent Appearance
p Abrasion Resistant Lens Coating
p Easy to Install into Existing Signal Enclosure
p Polarity Marked on Wires
SPECIFICATIONS
pLow Voltage 10-30 VDC Operation
pMeets ITE VTCSH LED Circular Supplement
Dated June 27, 2005 Intensity, Color and Uniformity
Over the Full Temperature Range
pQuick Connect Terminals with Spade / Tab
Adapters
p75 mSec Turn on Time
pRF Immunity 10V/M, 80MHz to 1Ghz
pColored Wire - Postive, White Wire - Negative
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDTS433LV001_B
pOperating Temperature Range: -40°C to +74°C
pComplies with FCC title 47, Subpart B Section 15 for
Radiated Emissions
pVibration Resistant to Mil-Std-883, Test Method 2007
pMoisture Resistant per MIL-STD-810F, Method 506.4
for Rain and Blowing Rain
8” (200 MM) SIGNAL MODULES
* Measured at peak intensity point
Part Number
Color
Lens Type
Min Luminous
Intensity* (cd)
Dominant
Wavelength (nm)
Typical Wattage
at 25°C
433-1110-005XL
Red
Tinted
165
625
5
433-3130-905XL
Yellow
Tinted
410
590
6
433-2120-005XL
Green
Tinted
215
500
7
433-2170-005XL
Green
Clear
215
500
7
12” (300 MM) SIGNAL MODULES
Part Number
Color
Lens Type
Min Luminous
Intensity* (cd)
Dominant
Wavelength (nm)
Typical Wattage
at 25°C
433-1210-005XL
Red
Tinted
365
625
7
433-3230-905XL
Yellow
Tinted
910
590
12
433-2220-005XL
Green
Tinted
475
500
8
433-2270-005XL
Green
Clear
475
500
8
Low Voltage LED Traffic Modules
10 - 30 VDC Operation


Similar Part No. - 433-2220-005XL

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
433-2220-000XL DIALIGHT-433-2220-000XL Datasheet
125Kb / 1P
   LED Traffic Modules
433-2220-001 DIALIGHT-433-2220-001 Datasheet
78Kb / 2P
   Caltrans LED Modules
433-2220-001 DIALIGHT-433-2220-001 Datasheet
389Kb / 4P
   LED Signal Modules and Pedestrian Signals
433-2220-001XL DIALIGHT-433-2220-001XL Datasheet
389Kb / 4P
   LED Signal Modules and Pedestrian Signals
433-2220-001XL DIALIGHT-433-2220-001XL Datasheet
380Kb / 4P
   ITE Compliant LED Signal Modules
More results

Similar Description - 433-2220-005XL

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
433-1110-000XL DIALIGHT-433-1110-000XL Datasheet
125Kb / 1P
   LED Traffic Modules
433-1210-003XLB DIALIGHT-433-1210-003XLB Datasheet
102Kb / 1P
   12??Bicycle LED Traffic Module
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
   Traffic lights
logo
LightKey Optoelectronic...
LLR522BGC-D26 LIGHTKEY-LLR522BGC-D26 Datasheet
81Kb / 2P
   5mm Round Blue Green Traffic LED Lamp
logo
OSRAM GmbH
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
   Traffic lights
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC_18 Datasheet
609Kb / 4P
   Traffic technology
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
   Traffic Manager Co-processor
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
   Traffic Manager Co-processor
March 3, 2005
logo
Marl International Limi...
795-107-00-51 MARL-795-107-00-51 Datasheet
379Kb / 3P
   LED MODULES
logo
OSRAM GmbH
LVW5AM OSRAM-LVW5AM Datasheet
999Kb / 23P
   Traffic lights and signaling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com