Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

433-1110-002 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 433-1110-002
Description  Caltrans LED Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

433-1110-002 Datasheet(HTML) 1 Page - Dialight Corporation

  433-1110-002 Datasheet HTML 1Page - Dialight Corporation 433-1110-002 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
Caltrans LED Modules
433 Series TRAFFIC SIGNALS
Robust Hi-Flux LED Technology
Uniform illumination - better than incandescent
90% reduction in power vs. incandescent
Long life; Up to 10 times longer than incandescent
Hard coated lenses for abrasion resistance
Wide selection of products
Easy to install into existing signal enclosure
Caltrans approved
CSA approved types available
SPECIFICATIONS
Operating Voltage Range:
80VAC to 135VAC (120VAC nominal)
195VAC to 265VAC (230VAC nominal)
Convex tinted lens reduces glare & sun reflection
Fuse and transient suppressor incorporated for line and load protection
Operating Temperature Range: -40°C to +74°C
Turn on / Turn off Time = 75 msec max
Power factor > 0.9
Total harmonic distortion < 20%
Meets FCC Title 47, Subpart B, Section 15 Regulations for electrical noise
Conforms to MIL-STD-810F for blowing rain
Provided with quick connect terminals and spade adapters
Written manufacturer’s warranty available on request
All products traceable by serial number
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDTSMODP001_G


Similar Part No. - 433-1110-002

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
433-1110-000XL DIALIGHT-433-1110-000XL Datasheet
125Kb / 1P
   LED Traffic Modules
433-1110-003 DIALIGHT-433-1110-003 Datasheet
389Kb / 4P
   LED Signal Modules and Pedestrian Signals
433-1110-003XL DIALIGHT-433-1110-003XL Datasheet
389Kb / 4P
   LED Signal Modules and Pedestrian Signals
433-1110-003XL DIALIGHT-433-1110-003XL Datasheet
380Kb / 4P
   ITE Compliant LED Signal Modules
433-1110-005XL DIALIGHT-433-1110-005XL Datasheet
60Kb / 1P
   Low Voltage LED Traffic Modules
More results

Similar Description - 433-1110-002

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
795-107-00-51 MARL-795-107-00-51 Datasheet
379Kb / 3P
   LED MODULES
logo
Vishay Siliconix
LEE-128G032B VISHAY-LEE-128G032B Datasheet
135Kb / 3P
   LED Display Modules
Revision: 07-Dec-12
logo
Dialight Corporation
433-1110-000XL DIALIGHT-433-1110-000XL Datasheet
125Kb / 1P
   LED Traffic Modules
logo
Vishay Siliconix
LEE-128G032B VISHAY-LEE-128G032B_V02 Datasheet
137Kb / 3P
   LED Display Modules
01-Jan-2023
LEE-128G032 VISHAY-LEE-128G032 Datasheet
180Kb / 3P
   LED Display Modules
01-Jan-2022
LEE-128G032B-3 VISHAY-LEE-128G032B-3_V01 Datasheet
142Kb / 3P
   LED Display Modules
01-Jan-2023
logo
OSRAM GmbH
70014 OSRAM-70014 Datasheet
104Kb / 4P
   BACKlight LED Modules
logo
Dialight Corporation
MR16-LV-CW-SP DIALIGHT-MR16-LV-CW-SP Datasheet
97Kb / 2P
   CIRCULAR LED MODULES
logo
P-tec Corporation
PLSO-LM3528-12-3X P-TEC-PLSO-LM3528-12-3X Datasheet
291Kb / 4P
   LED INJECTION MODULES
logo
Vishay Siliconix
LEE-128G032-1 VISHAY-LEE-128G032-1 Datasheet
180Kb / 3P
   LED Display Modules
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com