Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUTP052G Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SUTP052G
Description  Dual PNP Bipolar transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUTP052G Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SUTP052G Datasheet HTML 1Page - KODENSHI_AUK CORP. SUTP052G Datasheet HTML 2Page - KODENSHI_AUK CORP. SUTP052G Datasheet HTML 3Page - KODENSHI_AUK CORP. SUTP052G Datasheet HTML 4Page - KODENSHI_AUK CORP. SUTP052G Datasheet HTML 5Page - KODENSHI_AUK CORP. SUTP052G Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-T7K005-000
1
SUTP052G
Dual PNP Bipolar transistor
Descriptions
• General purpose amplifier
Recommended for LED Drive Application
Features
• Thermally Enhanced Power PKG
• Low saturation voltage: VCE(sat)=-0.15V Typ.
@ IC=-1A, IB=-50mA
• Large collector current capacity: IC=-2A
• 2 PNP chips in TESOP-8 Package
Ordering Information
Type NO.
Marking
Package Code
SUTP052G
SUTP052
TESOP-8
: Year & Week Code
Absolute maximum ratings(TR1, TR2)
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-5
V
IC
-2
A(DC)
Collector current
ICP*
-4
A(Pulse)
0.75
W/TOTAL
PC(Ta=25°C) **
0.55
W/ELEMENT
Collector power dissipation
PC(Tc=25°C)
7.5
W/TOTAL
Junction temperature
TJ
150
°C
Storage temperature
Tstg
-55~150
°C
* :
Single pulse, tp= 300 ㎲
** :
Each terminal mounted on a recommended solder land
TESOP-8


Similar Part No. - SUTP052G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUT041 KODENSHI-SUT041 Datasheet
417Kb / 5P
   Dual NPN Bipolar transistor
SUT041C KODENSHI-SUT041C Datasheet
419Kb / 5P
   Dual NPN Bipolar transistor
SUT041C KODENSHI-SUT041C Datasheet
419Kb / 5P
   General purpose amplifier
SUT041G KODENSHI-SUT041G Datasheet
397Kb / 5P
   Dual NPN Bipolar transistor
SUT041N KODENSHI-SUT041N Datasheet
402Kb / 6P
   Dual NPN Bipolar transistor
More results

Similar Description - SUTP052G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUT465N KODENSHI-SUT465N Datasheet
339Kb / 6P
   Dual NPNPNP complementary Bipolar transistor
logo
STMicroelectronics
STS05DTP03 STMICROELECTRONICS-STS05DTP03 Datasheet
236Kb / 10P
   Dual NPN-PNP complementary bipolar transistor
logo
KODENSHI_AUK CORP.
SUT290 KODENSHI-SUT290 Datasheet
332Kb / 6P
   Dual NPN-PNP complementary Bipolar transistor
logo
STMicroelectronics
STS01DTP06 STMICROELECTRONICS-STS01DTP06_06 Datasheet
306Kb / 11P
   Dual NPN-PNP complementary Bipolar transistor
STS01DTP06 STMICROELECTRONICS-STS01DTP06 Datasheet
298Kb / 8P
   DUAL NPN-PNP COMPLEMENTARY BIPOLAR TRANSISTOR
logo
Microsemi Corporation
2N4033 MICROSEMI-2N4033 Datasheet
489Kb / 2P
   PNP BIPOLAR TRANSISTOR
2N2907A MICROSEMI-2N2907A Datasheet
64Kb / 2P
   PNP BIPOLAR TRANSISTOR
2N3251A MICROSEMI-2N3251A Datasheet
64Kb / 2P
   PNP BIPOLAR TRANSISTOR
2N2905A MICROSEMI-2N2905A Datasheet
508Kb / 2P
   PNP BIPOLAR TRANSISTOR
logo
Taiwan Semiconductor Co...
2SA2029-Q TSC-2SA2029-Q Datasheet
706Kb / 3P
   PNP Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com