Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9582001QJC Datasheet(PDF) 11 Page - Intersil Corporation

Part # 5962R9582001QJC
Description  Radiation Hardened CMOS Static Clock Controller/Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9582001QJC Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 5962R9582001QJC Datasheet HTML 7Page - Intersil Corporation 5962R9582001QJC Datasheet HTML 8Page - Intersil Corporation 5962R9582001QJC Datasheet HTML 9Page - Intersil Corporation 5962R9582001QJC Datasheet HTML 10Page - Intersil Corporation 5962R9582001QJC Datasheet HTML 11Page - Intersil Corporation 5962R9582001QJC Datasheet HTML 12Page - Intersil Corporation 5962R9582001QJC Datasheet HTML 13Page - Intersil Corporation 5962R9582001QJC Datasheet HTML 14Page - Intersil Corporation 5962R9582001QJC Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN3044.3
April 20, 2007
Functional Description
The HS-82C85RH Static Clock Controller/Generator
provides simple and complete control of static CMOS
system operating modes. The HS-82C85RH can operate
with either an external crystal or an external frequency
source and can support full speed, slow, stop-clock and
stop-oscillator operation. While it is directly compatible with
the Intersil HS-80C86RH CMOS 16-bit static
microprocessor, the HS-82C85RH can also be used for
general purpose system clock control.
Separate signals are provided on the HS-82C85RH for stop
and start control of the crystal oscillator and clock outputs. A
single control line determines fast (crystal/EFI frequency
divided by 3) or slow (crystal/EFI frequency divided by 768)
mode operation. A clock synchronization input is provided to
allow the use of multiple HS-82C85RHs in the same system.
The HS-82C85RH generates the proper HS-80C86RH reset
pulse, and it also handles all data transfer timing by
generating the HS-80C86RH ready signal.
Automatic maximum mode HS-80C86RH software HALT
instruction decode logic is present to ease the design of
software-based clock control systems and provides
complete software control of STOP mode operation.
Automatic minimum mode software HALT instruction
decoding can be easily implemented with a single 74HC74
device. Restart logic insures valid clock start-up and
complete synchronization of CLK, CLK50 and PCLK.
Static Operating Modes
The HS-82C85RH Static Clock Controller can be dynamically
set to operate in any one of four modes at any one time:
FAST, SLOW, STOP-CLOCK and STOP-OSCILLATOR. Each
mode has distinct power and performance characteristics
which can be matched to the needs of a particular system at
a specific time (see Table 1).
Keep in mind that a single system may require all of these
operating modes at one time or another during normal
operation. A design need not be limited to a single operating
mode or a specific combination of modes. The appropriate
operating mode can be matched to the power-performance
level needed at a specific time or in a particular
circumstance.
Reset Logic
The HS-82C85RH reset logic provides a Schmitt trigger
input (RES) and a synchronizing flip-flop to generate there
set timing. The reset signal is synchronized to the falling
edge of CLK. A simple RC network can be used to provide
power-on reset by utilizing this function of the HS-82C85RH.
When in the crystal oscillator (F/C = LOW) or the EFI
(F/C = HIGH) mode, a LOW state on the RES input will set
the RESET output to the HIGH state. It will also restart the
oscillator circuit if it is in the idle state. The RESET output is
guaranteed to stay in the HIGH state for a minimum of 16
CLK cycles after a low-to-high transition of the RES input.
An oscillator restart count sequence will not be disturbed by
RESET if this count is already in progress. After the restart
counter expires, the RESET output will stay HIGH at least
for 16 periods of CLK before going LOW. RESET can be
kept high beyond this time by a continuing low input on the
RES input.
If F/C is low (crystal oscillator mode), a low state on RES
starts the crystal oscillator circuit. The stopped outputs
remain inactive, until the oscillator signal amplitude reaches
the X1 Schmitt trigger input threshold voltage and 8192
cycles of the crystal oscillator output are counted by an
internal counter. After this count is complete, the stopped
outputs (CLK, CLK50, PCLK) start cleanly with the proper
phase relationships.
This 8192 count requirement insures that the CLK, CLK50
and PCLK outputs will meet minimum clock requirements
and will not be affected by unstable oscillator characteristics
which may exist during the oscillator start-up sequence. This
sequence is also followed when a START command is
issued while the HS-82C85RH oscillator is stopped.
TABLE 1. STATIC SYSTEM OPERATING MODE CHARACTERISTICS
OPERATING
MODE
DESCRIPTION
POWER LEVEL
PERFORMANCE
Stop-Oscillator
All system clocks and main clock
oscillator are stopped
Maximum savings
Slowest response due to oscillator restart
time
Stop-Clock
System CPU and peripherals clocks stop
but main clock oscillator continues to run
at rated frequency
Reduced system power
Fast restart - no oscillator restart time
Slow
System CPU clocks are slowed while
peripheral clock and main clock oscillator
run at rated frequency
Power dissipation slightly higher than
Stop-Clock
Continuous operation at low frequency
Fast
All clocks and oscillators run at rated
frequency
Highest power
Fastest response
HS-82C85RH


Similar Part No. - 5962R9582001QJC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962R9582001QJC RENESAS-5962R9582001QJC Datasheet
549Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
More results

Similar Description - 5962R9582001QJC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
189Kb / 16P
   Radiation Hardened CMOS Static Clock Controller/Generator
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
   CMOS Static Clock Controller/Generator
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
   CMOS Static Clock Controller/Generator
March 1997
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
   Radiation Hardened CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com