Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6VM1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 6VM1
Description  Slim Power Entry Module Family with Multiple Options
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6VM1 Datasheet(HTML) 3 Page - Tyco Electronics

  6VM1_11 Datasheet HTML 1Page - Tyco Electronics 6VM1_11 Datasheet HTML 2Page - Tyco Electronics 6VM1_11 Datasheet HTML 3Page - Tyco Electronics 6VM1_11 Datasheet HTML 4Page - Tyco Electronics 6VM1_11 Datasheet HTML 5Page - Tyco Electronics 6VM1_11 Datasheet HTML 6Page - Tyco Electronics 6VM1_11 Datasheet HTML 7Page - Tyco Electronics 6VM1_11 Datasheet HTML 8Page - Tyco Electronics 6VM1_11 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M Series
Slim Power Entry Module Family with Multiple Options (continued)
3
185
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
1.
Open cover, using small blade screwdriver or
similar tool (see illustration on right)
2. Set aside cover/fuse block assembly
3. Pull voltage selector card straight out of housing,
using indicator pin
4. Orient selector card so that desired voltage is
readable at the bottom
5. Orient indicator pin to point up when desired
voltage is readable at bottom (note that when indi-
cator pin is fixed, successive voltages are selected by
rotating the card 90° clockwise)
6. Insert voltage selector card into housing, printed
side of card facing forward toward IEC connector
and edge containing the desired voltage first
7. Replace cover, and verify that indicator pin shows
the desired voltage
A
A
Section A-A
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
“X”
Lift Up
Insert Here
NOT here
3.
Gently lift the entire door UP approximately 1/4" (minimum)
Once lifted, the door will pivot on it’s hinges to expose
the fuse holder
4.
When the fuse holder is installed in the single fuse position,
apply the screwdriver as shown and gently lift up
Use screwdriver as shown, do not use fingers
When the fuse holder is installed in the dual fuse position,
it will normally release as soon as the door is opened
2.
Insert a pocket screwdriver at point “X” as shown
1.
Remove power cord
5.
Install one (1) AG fuse or two (2) metric fuses (see below)
6.
Replace fuse holder into housing
7.
Swing and push to snap door back in place
Fuse Installation Instructions
Fuse Options
Install fuses on one side only, do not install
both AG and metric fuses at the same time
Voltage Selection
0
2
1
0
0
4
2
0
0
1
0
0
2
3
100V
120V
230V
240V
MA601 - 604: Insulating Boot
Plastic shroud for back of M series to prevent
inadvertent access to connections
MA601: Fits M4S versions
MA602: Fits M1S versions
MA603: Fits M4 versions
MA604: First M1 versions
Accessories (continued)
North American
single fuse installation
Metric
dual fuse installation


Similar Part No. - 6VM1_11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6VM1C MACOM-6VM1C Datasheet
308Kb / 8P
   Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
logo
TE Connectivity Ltd
6VM1C TEC-6VM1C Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
Tyco Electronics
6VM1S MACOM-6VM1S Datasheet
308Kb / 8P
   Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
logo
TE Connectivity Ltd
6VM1S TEC-6VM1S Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
Tyco Electronics
6VM1SC MACOM-6VM1SC Datasheet
308Kb / 8P
   Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
More results

Similar Description - 6VM1_11

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
6VM1 TEC-6VM1 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
Silicon Laboratories
SI53340-45 SILABS-SI53340-45 Datasheet
947Kb / 38P
   Multiple configuration options
logo
Delta Electronics, Inc.
PJT-40W DELTA-PJT-40W Datasheet
480Kb / 9P
   Multiple connector source options
logo
Maxim Integrated Produc...
MAX20310EV MAXIM-MAX20310EV Datasheet
589Kb / 7P
   Multiple Inductor Options Included
Rev 0; 1/17
logo
TE Connectivity Ltd
1CHE1 TEC-1CHE1 Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
Tyco Electronics
1CHE1 MACOM-1CHE1_11 Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Maxim Integrated Produc...
MAX13053AESHLD MAXIM-MAX13053AESHLD Datasheet
882Kb / 9P
   Family Provides Flexible Design Options
Rev 0; 7/18
logo
Silicon Laboratories
AN663 SILABS-AN663 Datasheet
84Kb / 12P
   PRECISION32??MCU FAMILY CLOCKING OPTIONS
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
   Power Entry Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com