Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS12200LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSS12200LT1G
Description  12 V, 4.0 A, Low VCE(sat) PNP Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS12200LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NSS12200LT1G Datasheet HTML 1Page - ON Semiconductor NSS12200LT1G Datasheet HTML 2Page - ON Semiconductor NSS12200LT1G Datasheet HTML 3Page - ON Semiconductor NSS12200LT1G Datasheet HTML 4Page - ON Semiconductor NSS12200LT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 3
1
Publication Order Number:
NSS12200L/D
NSS12200LT1G
12 V, 4.0 A, Low VCE(sat)
PNP Transistor
ON Semiconductor’s e2PowerEdge family of low VCE(sat)
transistors are miniature surface mount devices featuring ultra low
saturation voltage (VCE(sat)) and high current gain capability. These
are designed for use in low voltage, high speed switching applications
where affordable efficient energy control is important.
Typical applications are DC−DC converters and power management
in portable and battery powered products such as cellular and cordless
phones, PDAs, computers, printers, digital cameras and MP3 players.
Other applications are low voltage motor controls in mass storage
products such as disc drives and tape drives. In the automotive
industry they can be used in air bag deployment and in the instrument
cluster. The high current gain allows e2PowerEdge devices to be
driven directly from PMU’s control outputs, and the Linear Gain
(Beta) makes them ideal components in analog amplifiers.
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
−12
Vdc
Collector-Base Voltage
VCBO
−12
Vdc
Emitter-Base Voltage
VEBO
−7.0
Vdc
Collector Current − Continuous
IC
−2.0
A
Collector Current − Peak
ICM
−4.0
A
Electrostatic Discharge
ESD
HBM Class 3B
MM Class C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 1)
460
3.7
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 1)
270
°C/W
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 2)
540
4.3
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 2)
230
°C/W
Total Device Dissipation
(Single Pulse < 10 sec.)
PDsingle
(Note 3)
710
mW
Junction and Storage
Temperature Range
TJ, Tstg
−55 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 @ 100 mm2, 1 oz. copper traces.
2. FR−4 @ 500 mm2, 1 oz. copper traces.
3. Thermal response.
Device
Package
Shipping
ORDERING INFORMATION
NSS12200LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
MARKING DIAGRAM
COLLECTOR
3
1
BASE
2
EMITTER
SOT−23 (TO−236)
CASE 318
STYLE 6
3
2
1
http://onsemi.com
−12 VOLTS
4.0 AMPS
PNP LOW VCE(sat) TRANSISTOR
EQUIVALENT RDS(on) 65 mW
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
VE M G
G
VE = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
(Note: Microdot may be in either location)


Similar Part No. - NSS12200LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
102Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
136Kb / 5P
   PNP Transistor
October, 2016 ??Rev. 5
More results

Similar Description - NSS12200LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
102Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12201LT1G ONSEMI-NSS12201LT1G Datasheet
131Kb / 5P
   12 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
102Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSV40200LT1G ONSEMI-NSV40200LT1G Datasheet
119Kb / 6P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13
NSS20200LT1G ONSEMI-NSS20200LT1G Datasheet
102Kb / 5P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40200UW6T1G ONSEMI-NSS40200UW6T1G Datasheet
66Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS60200LT1G ONSEMI-NSS60200LT1G Datasheet
132Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
NSS20200LT1G ONSEMI-NSS20200LT1G_07 Datasheet
106Kb / 5P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 2
NSS60200L ONSEMI-NSS60200L_15 Datasheet
71Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2015 ??Rev. 2
NSS40200LT1G ONSEMI-NSS40200LT1G_07 Datasheet
106Kb / 5P
   40 V, 4.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com