Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJT4031N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NJT4031N
Description  Bipolar Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJT4031N Datasheet(HTML) 2 Page - ON Semiconductor

  NJT4031N Datasheet HTML 1Page - ON Semiconductor NJT4031N Datasheet HTML 2Page - ON Semiconductor NJT4031N Datasheet HTML 3Page - ON Semiconductor NJT4031N Datasheet HTML 4Page - ON Semiconductor NJT4031N Datasheet HTML 5Page - ON Semiconductor NJT4031N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJT4031N
http://onsemi.com
2
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
40
Vdc
Collector−Base Voltage
VCB
40
Vdc
Emitter−Base Voltage
VEB
6.0
Vdc
Base Current − Continuous
IB
1.0
Adc
Collector Current − Continuous
Collector Current − Peak
IC
3.0
5.0
Adc
Total Power Dissipation
Total PD @ TA = 25°C mounted on 1” sq. (645 sq. mm) Collector pad on FR−4 bd material
Total PD @ TA = 25°C mounted on 0.012” sq. (7.6 sq. mm) Collector pad on FR−4 bd material
PD
2.0
0.80
W
Operating and Storage Junction Temperature Range
TJ, Tstg
– 55 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
− Junction−to−Ambient on 1” sq. (645 sq. mm) Collector pad on FR−4 bd material
− Junction−to−Ambient on 0.012” sq. (7.6 sq. mm) Collector pad on FR−4 bd material
RqJA
RqJA
64
155
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8” from case for 5 seconds
TL
260
°C
ORDERING INFORMATION
Device
Package
Shipping
NJT4031NT1G
SOT−223
(Pb−Free)
1000 / Tape & Reel
NJT4031NT3G
SOT−223
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NJT4031N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJT4031N ONSEMI-NJT4031N Datasheet
89Kb / 6P
   Bipolar Power Transistors NPN Silicon
August, 2007 - Rev. 0
NJT4031N ONSEMI-NJT4031N Datasheet
112Kb / 5P
   Bipolar Power Transistors
August, 2013 ??Rev. 4
NJT4031NT1G ONSEMI-NJT4031NT1G Datasheet
89Kb / 6P
   Bipolar Power Transistors NPN Silicon
August, 2007 - Rev. 0
NJT4031NT1G ONSEMI-NJT4031NT1G Datasheet
112Kb / 5P
   Bipolar Power Transistors
August, 2013 ??Rev. 4
NJT4031NT3G ONSEMI-NJT4031NT3G Datasheet
89Kb / 6P
   Bipolar Power Transistors NPN Silicon
August, 2007 - Rev. 0
More results

Similar Description - NJT4031N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMJT350T1G ONSEMI-MMJT350T1G_13 Datasheet
114Kb / 4P
   Bipolar Power Transistors
August, 2013 ??Rev. 7
NJT4031N ONSEMI-NJT4031N_13 Datasheet
112Kb / 5P
   Bipolar Power Transistors
August, 2013 ??Rev. 4
NSS40300MZ4 ONSEMI-NSS40300MZ4_10 Datasheet
114Kb / 7P
   Bipolar Power Transistors
September, 2010 ??Rev. 1
MMJT350T1G ONSEMI-MMJT350T1G Datasheet
108Kb / 4P
   Bipolar Power Transistors
September, 2010 ??Rev. 5
NJT4030P ONSEMI-NJT4030P_10 Datasheet
279Kb / 7P
   Bipolar Power Transistors
September, 2010 -- Rev. 1
logo
List of Unclassifed Man...
2SC2818 ETC1-2SC2818 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Motorola, Inc
MMJT9410 MOTOROLA-MMJT9410 Datasheet
95Kb / 4P
   Bipolar Power Transistors
MMJT9435 MOTOROLA-MMJT9435 Datasheet
94Kb / 4P
   Bipolar Power Transistors
logo
ON Semiconductor
MMJT350T1 ONSEMI-MMJT350T1 Datasheet
57Kb / 4P
   Bipolar Power Transistors
October, 2003 ??Rev. 1
NJT4030P ONSEMI-NJT4030P_13 Datasheet
112Kb / 5P
   Bipolar Power Transistors
November, 2013 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com